Electronic Components Datasheet Search
  English  ▼

X  

UPD75004CU Datasheet(PDF) 1 Page - NEC

Part # UPD75004CU
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75004CU Datasheet(HTML) 1 Page - NEC

  UPD75004CU Datasheet HTML 1Page - NEC UPD75004CU Datasheet HTML 2Page - NEC UPD75004CU Datasheet HTML 3Page - NEC UPD75004CU Datasheet HTML 4Page - NEC UPD75004CU Datasheet HTML 5Page - NEC UPD75004CU Datasheet HTML 6Page - NEC UPD75004CU Datasheet HTML 7Page - NEC UPD75004CU Datasheet HTML 8Page - NEC UPD75004CU Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
DESCRIPTION
The
µPD75008 is one of the 75X Series 4-bit single-chip microcomputer.
In addition to high-speed operation with 0.95
µs minimum instruction execution time for the CPU, the
µPD75008 employs a serial bus interface with standard NEC format, the µPD75004 is a powerful product with
a high cost/performance ratio.
The
µPD75P008 with PROM, which is provided with µPD75008, is applicable for evaluating systems under
development, or for small-scale production of developed systems.
Detailed functions are described in the following user’s manual. Be sure to read it for designing.
µPD7500X Series User’s Manual: IEM-5033
FEATURES
• Capable of high-speed operation and variable instruction execution time to power save
• 0.95
µs, 1.91 µs, 15.3 µs (Main system clock: operating at 4.19 MHz)
• 122
µs (Subsystem clock: operating at 32.768 kHz)
• 75X architecture comparable to that for an 8-bit microcomputer is employed
• Built-in NEC standard serial bus interface (SBI)
• Clock operation at reduced power dissipation (5
µA TYP. : operating at 3 V)
• Enhanced timer function (3 channels)
• Interrupt functions especially enhanced for applications, such as remote control receiver
APPLICATIONS
VCRs, CD players, telephones, cameras, blood pressure gauges, etc.
© NEC Corporation 1990
Document No.
IC-2633C
(O. D. No.
IC-7673E)
Date Published
November 1993 P
Printed in Japan
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD75004, 75006, 75008
The information in this document is subject to change without notice.
4-BIT SINGLE-CHIP MICROCOMPUTER
The mark 5 shows major revised points.
Unless otherwise specified,
µPD75008 is treated as the representative model throughout this manual.


Similar Part No. - UPD75004CU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75004CU-XXX RENESAS-UPD75004CU-XXX Datasheet
613Kb / 68P
MOS INTEGRATED CIRCUIT
1990
More results

Similar Description - UPD75004CU

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63408 EPSON-S1C63408 Datasheet
170Kb / 3P
4-bit Single Chip Microcomputer
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
4-bit Single Chip Microcomputer
S1C63632 EPSON-S1C63632 Datasheet
129Kb / 2P
4-bit Single Chip Microcomputer
S1C63658 EPSON-S1C63658 Datasheet
152Kb / 3P
4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com