Electronic Components Datasheet Search
  English  ▼

X  

LT1307 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1307
Description  Single Cell Micropower 600kHz PWM DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1307 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1307 Datasheet HTML 6Page - Linear Technology LT1307 Datasheet HTML 7Page - Linear Technology LT1307 Datasheet HTML 8Page - Linear Technology LT1307 Datasheet HTML 9Page - Linear Technology LT1307 Datasheet HTML 10Page - Linear Technology LT1307 Datasheet HTML 11Page - Linear Technology LT1307 Datasheet HTML 12Page - Linear Technology LT1307 Datasheet HTML 13Page - Linear Technology LT1307 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LT1307/LT1307B
APPLICATIONS INFORMATION
To eliminate the low frequency noise of Figure 6, the
LT1307 can be replaced with the LT1307B. Figure 9
details the spectral noise at the output of Figure 1’s circuit
using an LT1307B at 5mA load. Although spectral energy
is present at 333kHz due to alternate pulse skipping, all
Burst Mode operation spectral components are gone.
Alternate pulse skipping can be eliminated by increasing
inductance.
FREQUENCY COMPENSATION
Obtaining proper values for the frequency compensation
network is largely an empirical, iterative procedure, since
variations in input and output voltage, topology, capacitor
value and ESR, and inductance make a simple formula
elusive. As an example, consider the case of a 1.25V to
3.3V boost converter supplying 50mA. To determine
optimum compensation, the circuit is built and a transient
load is applied to the circuit. Figure 10 shows the setup.
away from 455kHz. Figure 8 shows the noise spectrum of
the converter with the load increased to 20mA. The
LT1307 shifts out of Burst Mode operation, eliminating
low frequency ripple. Spectral energy is present only at
the switching fundamental and its harmonics. Noise
voltage measures – 5dBmVRMS or 560µVRMS at the
575kHz switching frequency, and is below – 60dBmVRMS
for all other frequencies in the range. By combining Burst
Mode with fixed frequency operation, the LT1307 keeps
noise away from 455kHz.
10
µH
MBR0520L
1307 • F10
590k
1M
3300
Ω
R
1
µF
1.25V
10
µF*
C
66
Ω
VOUT
50
Ω
*CERAMIC
VIN
SW
LT1307
FB
SHDN
VC
GND
Figure 10. Boost Converter with Simulated Load
Figure 11a details transient response without compensa-
tion components. Although the output ripple voltage at a
1mA load is low, allowing the error amplifier to operate
wideband results in excessive ripple at a 50mA load. Some
kind of loop stabilizing network is obviously required. A
100k/22nF series RC is connected to the VC pin, resulting
in the response pictured in Figure 11b. The output settles
in about 7ms to 8ms. This may be acceptable, but we can
do better. Reducing C to 2nF gives Figure 11c’s response.
This is clearly in the right direction. After another order of
magnitude reduction, Figure 11d’s response shows some
FREQUENCY (kHz)
205
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
LT1307 • F09
455
705
Figure 9. LT1307B at 5mA Load Shows No Audio Components
or Sidebands About Switching Frequency, 333kHz
Fundamental Amplitude is –10dBmV, or 316
µVRMS
FREQUENCY (kHz)
255
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
455
1307 F08
655
RBW = 100Hz
Figure 8. With Converter Delivering 20mA, Low Frequency
Sidebands Disappear. Noise is Present Only at the 575kHz
Switching Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com