Electronic Components Datasheet Search
  English  ▼

X  

LT1307 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1307
Description  Single Cell Micropower 600kHz PWM DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1307 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1307 Datasheet HTML 2Page - Linear Technology LT1307 Datasheet HTML 3Page - Linear Technology LT1307 Datasheet HTML 4Page - Linear Technology LT1307 Datasheet HTML 5Page - Linear Technology LT1307 Datasheet HTML 6Page - Linear Technology LT1307 Datasheet HTML 7Page - Linear Technology LT1307 Datasheet HTML 8Page - Linear Technology LT1307 Datasheet HTML 9Page - Linear Technology LT1307 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LT1307/LT1307B
TYPICAL PERFORMANCE CHARACTERISTICS
Feedback Voltage vs
Temperature
LBI Reference vs Temperature
Oscillator Frequency vs
Input Voltage
TEMPERATURE (
°C)
–50
1.230
1.225
1.220
1.215
1.210
1.205
1.200
–25
025
50
LT1307 • TPC10
75
100
VIN = 1.25V
500
µs/DIV
1307 G13
VOUT = 3.3V
Transient Response (LT1307)
IL
200mA/DIV
VOUT
200mV/DIV
AC COUPLED
55mA
5mA
ILOAD
VIN = 0.92V
ILOAD 10mA/DIV
1307 G15
VOUT = 3.3V
Load Regulation (LT1307)
VOUT
50mV/DIV
DC
COUPLED
OFFSET
ADDED
TEMPERATURE (
°C)
–50
–25
0
25
50
LT1307 • TPC11
75
210
208
206
204
202
200
198
196
194
192
190
100
VIN = 1.25V
500
µs/DIV
1307 G14
VOUT = 3.3V
Transient Response (LT1307B)
IL
200mA/DIV
VOUT
200mV/DIV
AC COUPLED
55mA
5mA
VIN = 1.15V
ILOAD 20mA/DIV
1307 G17
VOUT = 3.3V
Load Regulation (LT1307)
VIN = 1V
ILOAD 10mA/DIV
1307 G18
VOUT = 5V
Load Regulation (LT1307)
VOUT
50mV/DIV
DC
COUPLED
OFFSET
ADDED
VOUT
50mV/DIV
DC
COUPLED
OFFSET
ADDED
VIN = 1V
ILOAD 20mA/DIV
1307 G16
VOUT = 3.3V
Load Regulation (LT1307)
VOUT
50mV/DIV
DC
COUPLED
OFFSET
ADDED
Load Regulation (LT1307)
ILOAD
VIN = 1.25V
100
µs/DIV
1307 G21
VOUT = 5V
ILOAD = 1.5mA
IL
100mA/DIV
VSW
5V/DIV
VOUT
50mV/DIV
AC COUPLED
VOUT
50mV/DIV
AC COUPLED
VIN = 1.25V
100
µs/DIV
1307 G20
VOUT = 5V
ILOAD = 1.5mA
IL
100mA/DIV
VSW
5V/DIV
VOUT
50mV/DIV
DC
COUPLED
OFFSET
ADDED
VIN = 1.15V
ILOAD 10mA/DIV
1307 G19
VOUT = 5V
Circuit Operation, L = 22
µH
(LT1307)
Circuit Operation, L = 10
µH
(LT1307)
INPUT VOLTAGE (V)
1
600
700
5
LT1307 • TPC12
500
400
2
3
4
900
800
85
°C
–40
°C
25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com