Electronic Components Datasheet Search
  English  ▼

X  

LT1307 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1307
Description  Single Cell Micropower 600kHz PWM DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1307 Datasheet(HTML) 4 Page - Linear Technology

  LT1307 Datasheet HTML 1Page - Linear Technology LT1307 Datasheet HTML 2Page - Linear Technology LT1307 Datasheet HTML 3Page - Linear Technology LT1307 Datasheet HTML 4Page - Linear Technology LT1307 Datasheet HTML 5Page - Linear Technology LT1307 Datasheet HTML 6Page - Linear Technology LT1307 Datasheet HTML 7Page - Linear Technology LT1307 Datasheet HTML 8Page - Linear Technology LT1307 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LT1307/LT1307B
ELECTRICAL C
C
HARA TERISTICS
Industrial Grade – 40
°C to 85°C. VIN = 1.1V, VSHDN = VIN, LT1307/LT1307B unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ
Quiescent Current
VFB = 1.3V, Not Switching (LT1307)
q
50
100
µA
VFB = 1.3V, Not Switching (LT1307B)
q
1
1.8
mA
VSHDN = 0V
q
13
µA
VFB
Feedback Voltage
q
1.195
1.22
1.245
V
IB
FB Pin Bias Current (Note 2)
VFB = VREF
q
10
27
100
nA
Reference Line Regulation
1V
≤ VIN ≤ 2V (–40°C)
0.6
1.1
%/V
1V
≤ VIN ≤ 2V (85°C)
3.2
%/V
2V
≤ VIN ≤ 5V
q
0.3
0.8
%/V
Minimum Input Voltage
– 40
°C
1.1
1.2
V
85
°C
0.8
1.0
V
Input Voltage Range
q
5V
gm
Error Amp Transconductance
∆I = 5µA
q
25
35
65
µmhos
AV
Error Amp Voltage Gain
– 40
°C
35
V/V
85
°C
30
V/V
fOSC
Switching Frequency
q
500
600
750
kHz
Maximum Duty Cycle
– 40
°C80
84
%
85
°C75
80
%
Switch Current Limit (Note 3)
DC = 40%
q
0.6
1.25
A
DC = 75%
0.5
A
Switch VCESAT
ISW = 500mA, VIN = 1.2V (– 40°C)
250
350
mV
ISW = 500mA (85°C)
330
400
mV
Burst Mode Operation Switch Current Limit
L = 10
µH
100
mA
(LT1307 Only)
L = 22
µH50
mA
Shutdown Pin Current
VSHDN = VIN
q
2.5
4.0
µA
VSHDN = 0V
q
– 1.5
– 2.5
µA
LBI Threshold Voltage
q
186
200
210
mV
LBO Output Low
ISINK = 10µA
q
0.1
0.25
V
LBO Leakage Current
VLBI = 250mV, VLBO = 5V
q
0.1
0.3
µA
LBI Input Bias Current (Note 4)
VLBI = 150mV
q
530
nA
Low-Battery Detector Gain
1M
Ω Load (–40°C)
1000
6000
V/V
1M
Ω Load (85°C)
400
V/V
Switch Leakage Current
VSW = 5V
q
0.01
3
µA
Note 2: Bias current flows into FB pin.
Note 3: Switch current limit guaranteed by design and/or correlation to
static tests. Duty cycle affects current limit due to ramp generator.
Note 4: Bias current flows out of LBI pin.
Note 5: The LT1307 will withstand continuous application of 1.6V applied
to the GND pin while VIN and SW are grounded.
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Specifications for commercial (C) grade devices are guaranteed
but not tested at – 20
°C. MS8 package devices are designed for and
intended to meet commercial temperature range specifications but are not
tested at – 20
°C or 0°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com