Electronic Components Datasheet Search
  English  ▼

X  

LT1307 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1307
Description  Single Cell Micropower 600kHz PWM DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1307 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1307 Datasheet HTML 3Page - Linear Technology LT1307 Datasheet HTML 4Page - Linear Technology LT1307 Datasheet HTML 5Page - Linear Technology LT1307 Datasheet HTML 6Page - Linear Technology LT1307 Datasheet HTML 7Page - Linear Technology LT1307 Datasheet HTML 8Page - Linear Technology LT1307 Datasheet HTML 9Page - Linear Technology LT1307 Datasheet HTML 10Page - Linear Technology LT1307 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LT1307/LT1307B
BLOCK DIAGRAM
VC (Pin 1): Compensation Pin for Error Amplifier. Con-
nect a series RC from this pin to ground. Typical values
are 100k
Ω and 680pF. Minimize trace area at VC.
FB (Pin 2): Feedback Pin. Reference voltage is 1.22V.
Connect resistor divider tap here. Minimize trace area at
FB. Set VOUT according to: VOUT = 1.22V(1 + R1/R2).
SHDN (Pin 3): Shutdown. Ground this pin to turn off
switcher. Must be tied to VIN (or higher voltage) to enable
switcher. Do not float the SHDN pin.
GND (Pin 4): Ground. Connect directly to local ground
plane.
PIN FUNCTIONS
SW (Pin 5): Switch Pin. Connect inductor/diode here.
Minimize trace area at this pin to keep EMI down.
VIN (Pin 6): Supply Pin. Must have 1µF ceramic bypass
capacitor right at the pin, connected directly to ground.
LBI (Pin 7): Low-Battery Detector Input. 200mV refer-
ence. Voltage on LBI must stay between ground and
700mV.
LBO (Pin 8): Low-Battery Detector Output. Open collec-
tor, can sink 10
µA. A 1MΩ pull-up is recommended.
Figure 2. LT1307/LT1307B Block Diagram
–
+
–
+
–
+
–
+
+
+
Σ
COMPARATOR
RAMP
GENERATOR
R
BIAS
VC
gm
Q2
×10
Q1
FB
FB
ENABLE
200mV
A = 3
FF
A2
A1
ERROR
AMPLIFIER
A4
0.15
Ω
DRIVER
SW
GND
1307 F02
Q3
Q
S
600kHz
OSCILLATOR
5
LBO
LBI
SHDN
SHUTDOWN
3
7
1
4
R6
40k
R5
40k
R1
(EXTERNAL)
R3
30k
R4
140k
2
VIN
VIN
VOUT
6
8
R2
(EXTERNAL)
*HYSTERESIS IN LT1307 ONLY
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com