Electronic Components Datasheet Search
  English  ▼

X  

LT1307 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1307
Description  Single Cell Micropower 600kHz PWM DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1307 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1307 Datasheet HTML 7Page - Linear Technology LT1307 Datasheet HTML 8Page - Linear Technology LT1307 Datasheet HTML 9Page - Linear Technology LT1307 Datasheet HTML 10Page - Linear Technology LT1307 Datasheet HTML 11Page - Linear Technology LT1307 Datasheet HTML 12Page - Linear Technology LT1307 Datasheet HTML 13Page - Linear Technology LT1307 Datasheet HTML 14Page - Linear Technology LT1307 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT1307/LT1307B
APPLICATIONS INFORMATION
51mA
1mA
IL
5ms/DIV
1307 F11a
VOUT
200mV/DIV
AC COUPLED
Figure 11a. VC Pin Left Unconnected. Output Ripple
Voltage is 300mVP-P Under Load
51mA
1mA
IL
5ms/DIV
1307 F11b
Figure 11b. Inclusion of a 100k/22nF Series RC on VC
Pin Results in Overdamped Stable Response
VOUT
200mV/DIV
AC COUPLED
51mA
1mA
IL
1ms/DIV
1307 F11a
VOUT
200mV/DIV
AC COUPLED
Figure 11c. Reducing C to 2nF Speeds Up Response,
Although Still Overdamped
51mA
1mA
IL
500
µs/DIV
1307 F11b
Figure 11d. A 100k/200pF Series RC Shows Some
Underdamping
VOUT
200mV/DIV
AC COUPLED
51mA
1mA
IL
1ms/DIV
1307 F11b
Figure 11e. A 100k/680pF RC Provides Optimum
Settling Time with No Ringing
VOUT
200mV/DIV
AC COUPLED
pole, requiring added C at the VC pin network to prevent
loop oscillation.
Observant readers will notice R has been set to 100k for all
the photos in Figure 11. Usable R values can be found in
the 10k to 500k range, but after too many trips to the
resistor bins, 100k wins.
underdamping. Now settling time is about 300
µs.Increas-
ing C to 680pF results in the response shown in Figure 11e.
This response has minimum settling time with no over-
shoot or underdamping.
Converters using a 2-cell input need more capacitance at
the output. This added capacitance moves in the output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com