Electronic Components Datasheet Search
  English  ▼

X  

LT1307 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1307
Description  Single Cell Micropower 600kHz PWM DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1307 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1307 Datasheet HTML 10Page - Linear Technology LT1307 Datasheet HTML 11Page - Linear Technology LT1307 Datasheet HTML 12Page - Linear Technology LT1307 Datasheet HTML 13Page - Linear Technology LT1307 Datasheet HTML 14Page - Linear Technology LT1307 Datasheet HTML 15Page - Linear Technology LT1307 Datasheet HTML 16Page - Linear Technology LT1307 Datasheet HTML 17Page - Linear Technology LT1307 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LT1307/LT1307B
APPLICATIONS INFORMATION
REVERSE BATTERY CONSIDERATIONS
The LT1307 is built on a junction-isolated bipolar process.
The p-type substrate is connected to the GND pin of the
LT1307. Substrate diodes, normally reverse-biased, are
present on the SW pin and the VIN pin as shown in Figure
16. When the battery polarity is reversed, these diodes
conduct, as illustrated in Figure 17. With a single AA or
AAA cell, several hundred milliamperes flow in the circuit.
The LT1307 can withstand this current without damage. In
laboratory tests, the LT1307 performed without degrada-
tion after sustaining polarity reversal for the life of a single
AA alkaline cell.
When using a 2- or 3-cell supply, an external protection
diode is recommended as shown in Figure 18. When the
battery polarity is reversed, the 1N4001 conducts, limiting
reverse voltage across the LT1307 to a single diode drop.
This arrangement will quickly deplete the cells’ energy, but
it does prevent the LT1307 from excessive power dissipa-
tion and potential damage.
Figure 18. 1N4001 Diode Protects LT1307 from Excessive Power
Dissipation When a 2- or 3-Cell Battery is Used
VIN
SW
LT1307
1N4001
1307 F18
2 OR 3
CELLS
GND
VIN
LT1307
1307 F16
GND
1 CELL
1.5V
D2
SW
D1
Q1
Figure 16. LT1307 Showing Internal Substrate Diodes D1 and D2.
In Normal Operation Diodes are Reverse-Biased
VIN
LT1307
CURRENT
FLOW
1307 F17
GND
1 CELL
– 1.5V
D2
SW
D1
Q1
Figure 17. When Cell Is Reversed Current Flows through
D1 and D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com