Electronic Components Datasheet Search
  English  ▼

X  

LTC1267 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1267
Description  Dual High Efficiency Synchronous Step-Down Switching Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1267 Datasheet(HTML) 1 Page - Linear Technology

  LTC1267 Datasheet HTML 1Page - Linear Technology LTC1267 Datasheet HTML 2Page - Linear Technology LTC1267 Datasheet HTML 3Page - Linear Technology LTC1267 Datasheet HTML 4Page - Linear Technology LTC1267 Datasheet HTML 5Page - Linear Technology LTC1267 Datasheet HTML 6Page - Linear Technology LTC1267 Datasheet HTML 7Page - Linear Technology LTC1267 Datasheet HTML 8Page - Linear Technology LTC1267 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1267
LTC1267-ADJ/LTC1267-ADJ5
Dual High Efficiency
Synchronous Step-Down
Switching Regulators
Figure 1. High Efficiency Dual 3.3V, 5V
S
FEATURE
DESCRIPTIO
The LTC
®1267 series are dual synchronous step-down
switching regulator controllers featuring automatic Burst
Mode
TM operation to maintain high efficiencies at low
output currents. The LTC1267 is composed of two sepa-
rate regulator blocks, each driving a pair of external comple-
mentary power MOSFETs at switching frequencies up to
400kHz. The LTC1267 uses a constant off-time current-
mode architecture to provide constant ripple current in the
inductor and provide excellent line and load transient
response.
A separate pin and on-board switch allow the MOSFET
driver power to be derived from the regulated output
voltage, providing significant efficiency improvement when
operating at high input voltage. The output current level is
user-programmable via an external current sense resistor.
The LTC1267 series is ideal for applications requiring dual
output voltages with high conversion efficiencies over a
wide load current range in a small amount of board space.
s
Dual Outputs: 3.3V and 5V, Two Adjustables or
Adjustable and 5V
s
Wide VIN Range: 4V to 40V
s
Ultra-High Efficiency: Up to 95%
s
Low Supply Current in Shutdown: 20
µA
s
Current Mode Operation for Excellent Line and Load
Transient Response
s
High Efficiency Maintained Over a Wide Output
Current Range
s
Independent Micropower Shutdown
s
Very Low Dropout Operation: 100% Duty Cycle
s
Synchronous FET Switching for High Efficiency
s
Available in Standard 28-Pin SSOP
s
Notebook and Palmtop Computers
s
Battery-Operated Digital Devices
s
Portable Instruments
s
DC Power Distribution Systems
S
APPLICATI
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a trademark of Linear Technology Corporation.
APPLICATI
TYPICAL
1000pF
+
+
+
1000pF
PGATE 3
PDRIVE 3
SENSE+ 3
SENSE– 3
SENSE– 5
SHDN3
PDRIVE 5
SHDN5
NGATE 3
PGND3 SGND3 CT3
ITH3
ITH5
CT5
SGND5 PGND5
NGATE 5
SENSE+ 5
PGATE 5
VCC3
VCC
VIN
CAP3
CAP5
MSHDN
VCC5
EXT VCC
LTC1267
CT5
270pF
7
11
9
10
15
16
20
22
RC5
1k
CC3
3300pF
CC5
3300pF
CT3
270pF
RC3
1k
1
3
0.15
µF
0.15
µF
8
1N4148
26
27
221
28
25
24
18
17
19
23
4
5
14
13
12
6
VOUT5
5V
2A
COUT5
220
µF
10V
× 2
RSENSE5
0.05
Ω
P-CH
Si9435DY
L5
33
µH
D5
MBRS140T3
N-CH
Si9410DY
CIN5
100
µF
50V
+
3.3
µF
0.1
µF
0.1
µF
CIN3
100
µF
50V
P-CH
Si9435DY
N-CH
Si9410DY
D3
MBRS140T3
COUT3
220
µF
10V
× 2
L3
20
µH
RSENSE3
0.05
Ω
VOUT3
3.3V
2A
VIN
5.4V to 25V
RSENSE3: KRL SL-1R050J
L3: COILTRONICS CTX20-4
RSENSE5: KRL SL-1R050J
L5: COILTRONICS CTX33-4
SHDN3, SHDN5, MSHDN
0V = NORMAL, >2V = SHDN
LTC1267 • F01
+
3.3
µF
+
1N4148


Similar Part No. - LTC1267

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1267 LINER-LTC1267 Datasheet
94Kb / 1P
Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267 LINER-LTC1267 Datasheet
104Kb / 1P
Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267-ADJ LINER-LTC1267-ADJ Datasheet
94Kb / 1P
Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267-ADJ LINER-LTC1267-ADJ Datasheet
104Kb / 1P
Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267-ADJ5 LINER-LTC1267-ADJ5 Datasheet
94Kb / 1P
Dual High Efficiency Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1267

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1142 LINER-LTC1142 Datasheet
401Kb / 20P
Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
High Efficiency Synchronous Step-Down Switching Regulators
LTC1142 LINER-LTC1142_00 Datasheet
249Kb / 20P
Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267 LINER-LTC1267_02 Datasheet
94Kb / 1P
Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267 LINER-LTC1267_15 Datasheet
104Kb / 1P
Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267-ADJ LINER-LTC1267-ADJ_15 Datasheet
104Kb / 1P
Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267-ADJ5 LINER-LTC1267-ADJ5_15 Datasheet
104Kb / 1P
Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142 LINER-LTC1142_15 Datasheet
258Kb / 20P
Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142HV LINER-LTC1142HV_15 Datasheet
258Kb / 20P
Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142L LINER-LTC1142L_15 Datasheet
258Kb / 20P
Dual High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com