Electronic Components Datasheet Search
  English  ▼

X  

LTC1267 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1267
Description  Dual High Efficiency Synchronous Step-Down Switching Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1267 Datasheet(HTML) 4 Page - Linear Technology

  LTC1267 Datasheet HTML 1Page - Linear Technology LTC1267 Datasheet HTML 2Page - Linear Technology LTC1267 Datasheet HTML 3Page - Linear Technology LTC1267 Datasheet HTML 4Page - Linear Technology LTC1267 Datasheet HTML 5Page - Linear Technology LTC1267 Datasheet HTML 6Page - Linear Technology LTC1267 Datasheet HTML 7Page - Linear Technology LTC1267 Datasheet HTML 8Page - Linear Technology LTC1267 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1267
LTC1267-ADJ/LTC1267-ADJ5
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VFB1, 2
Feedback Voltage
LTC1267-ADJ, LTC1267-ADJ5: VIN = 9V
1.2
1.25
1.3
V
VOUT
Regulated Output Voltage
VIN = 9V
3.3V Output
ILOAD = 700mA
3.17
3.30
3.48
V
5V Output
ILOAD = 700mA
4.85
5.05
5.25
V
IIN
VIN Pin Current (Note 3)
Normal
VIN = 12V, EXT VCC = 5V
320
µA
VIN = 40V, EXT VCC = 5V
550
µA
Shutdown
VIN = 12V, VMSHDN = 2V
15
µA
VIN = 40V, VMSHDN = 2V
25
µA
IEXTVCC
EXT VCC Pin Current (Note 3)
EXT VCC = 5V, Sleep Mode
360
µA
VCC
Internal Regulator Voltage
VIN = 12V to 40V, EXT VCC = 0V, ICC = 20mA
4.5
V
VSENSE
+ –
Current Sense Threshold Voltage
Low Threshold (Forced)
25
mV
VSENSE
–
High Threshold (Forced)
130
160
185
mV
VMSHDN
Shutdown Threshold MSHDN
0.8
1.4
2.0
V
tOFF
Off-Time (Note 4)
CT = 390pF, ILOAD = 700mA, VIN = 10V
3
5
7
µs
ELECTRICAL C
C
HARA TERISTICS
–40
°C ≤ TA ≤ 85°C, VIN = 12V, VMSHDN, VSHDN1,3,5 = 0V (Notes 2, 5), unless otherwise noted.
The q denotes specifications which apply over the full operating
temperature range.
Note 1: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
LTC1267/LTC1267-ADJ/LTC1267ADJ5: TJ = TA + (PD × 95°C/W)
Note 2: On LTC1267 versions which have MSHDN and SHDN1, 3, 5 pins,
they must be at ground potential for testing.
Note 3: The LTC1267 VIN and EXT VCC current measurements exclude
MOSFET driver currents. When VCC power is derived from the output via
EXT VCC, the input current increases by (IGATECHG × Duty Cycle)/Efficiency.
See Typical Performance Characteristics and Applications Information.
Note 4: In applications where RSENSE is placed at ground potential, the
off-time increases approximately 40%.
Note 5: The LTC1267/LTC1267-ADJ/LTC1267-ADJ5 are not tested and
quality-assurance sampled at – 40
°C to 85°C. These specifications are
guaranteed by design and/or correlation.
Note 6: The logic level power MOSFETs shown in Figure 1 are rated for
VDS(MAX) = 30V. For operation at VIN > 30V, use standard threshold
MOSFETs with EXT VCC powered from a 9V supply. See applications
information.
Note 7: LTC1267-ADJ and LTC1267-ADJ5 are tested at an output of 3.3V
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD CURRENT (A)
0.01
80
90
100
0.1
1
10
LTC1267 • G01
70
75
85
95
65
60
VIN = 10V
VIN = 20V
5V Output Efficiency
vs Load Current
LOAD CURRENT
0
–60
–50
–30
–20
–10
1.0
2.0
2.5
30
LTC1267 • G03
–40
0.5
1.5
0
10
20
VIN = 10V
VOUT = 3.3V
VIN = 20V
VOUT = 3.3V
VIN = 10V
VOUT = 5V
VIN = 20V
VOUT = 5V
Load Regulation
LOAD CURRENT (A)
0.01
80
90
100
0.1
1
10
LTC1267 • G02
70
75
85
95
65
60
VIN = 10V
VIN = 20V
3.3V Output Efficiency
vs Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com