Electronic Components Datasheet Search
  English  ▼

X  

LTC1267 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1267
Description  Dual High Efficiency Synchronous Step-Down Switching Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1267 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1267 Datasheet HTML 8Page - Linear Technology LTC1267 Datasheet HTML 9Page - Linear Technology LTC1267 Datasheet HTML 10Page - Linear Technology LTC1267 Datasheet HTML 11Page - Linear Technology LTC1267 Datasheet HTML 12Page - Linear Technology LTC1267 Datasheet HTML 13Page - Linear Technology LTC1267 Datasheet HTML 14Page - Linear Technology LTC1267 Datasheet HTML 15Page - Linear Technology LTC1267 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1267
LTC1267-ADJ/LTC1267-ADJ5
G Package
28-Lead Plastic SSOP
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTIO
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
© LINEAR TECHNOLOGY CORPORATION 1995
LT/GP 0695 10K • PRINTED IN USA
28SSOP 0694
0.301 – 0.311
(7.65 – 7.90)
12 3
4
5
6 7 8
9 10 11 12
14
13
0.397 – 0.407*
(10.07 – 10.33)
25
26
22 21 20 19 18 17 16 15
23
24
27
28
0.068 – 0.078
(1.73 – 1.99)
0.002 – 0.008
(0.05 – 0.21)
0.0256
(0.65)
BSC
0.010 – 0.015
(0.25 – 0.38)
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006 INCH (0.15mm).
0.005 – 0.009
(0.13 – 0.22)
0
° – 8°
0.022 – 0.037
(0.55 – 0.95)
0.205 – 0.212*
(5.20 – 5.38)
PART NUMBER
DESCRIPTION
COMMENTS
LTC1142
Dual Step-Down Switching Regulator Controller
Dual Version of LTC1148
LTC1143
Dual Step-Down Switching Regulator Controller
Dual Version of LTC1147
LTC1147
Step-Down Switching Regulator Controller
Nonsynchronous, 8-Pin, VIN ≤ 16V
LTC1148
Step-Down Switching Regulator Controller
Synchronous, VIN ≤ 20V
LTC1149
Step-Down Switching Regulator Controller
Synchronous, VIN ≤ 48V, for Standard Threshold FETs
LTC1159
Step-Down Switching Regulator Controller
Synchronous, VIN ≤ 40V, for Logic Level FETs
LTC1174
Step-Down Switching Regulator with Internal 0.5A Switch
VIN ≤ 18.5V, Comparator/Low Battery Detector
LTC1265
Step-Down Switching Regulator with Internal 1A Switch
VIN ≤ 13V, Comparator/Low Battery Detector
LTC1266
Step-Up/Down Switching Regulator Controller
Synchronous N- or P-Channel FETs, Comparator/Low Battery Detector
LTC1574
Step-Down Switching Regulator with Internal 0.5A Switch
VIN ≤ 18.5V, Comparator
and Schottky Diode
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com