Electronic Components Datasheet Search
  English  ▼

X  

LTC1267 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1267
Description  Dual High Efficiency Synchronous Step-Down Switching Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1267 Datasheet(HTML) 2 Page - Linear Technology

  LTC1267 Datasheet HTML 1Page - Linear Technology LTC1267 Datasheet HTML 2Page - Linear Technology LTC1267 Datasheet HTML 3Page - Linear Technology LTC1267 Datasheet HTML 4Page - Linear Technology LTC1267 Datasheet HTML 5Page - Linear Technology LTC1267 Datasheet HTML 6Page - Linear Technology LTC1267 Datasheet HTML 7Page - Linear Technology LTC1267 Datasheet HTML 8Page - Linear Technology LTC1267 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1267
LTC1267-ADJ/LTC1267-ADJ5
A
G
A
U
A
R
BSOLUTEXI
TI
S
Input Supply Voltage (Pin 2) ..................... – 0.3V to 40V
VCC Output Current (Pin 1) .................................. 50mA
EXT VCC Input Voltage (Pin 28) .............................. 10V
Continuous Output Current (Pins 5, 6, 23, 24) .... 50mA
Sense Voltages
LTC1267 (Pins 13, 14, 17, 18) ............. VCC to – 0.3V
LTC1267-ADJ (Pins 12, 13, 17, 18) ..... VCC to – 0.3V
LTC1267-ADJ5 (Pins 12, 13, 17, 18) ... VCC to – 0.3V
Shutdown Voltages
LTC1267 (Pins 12, 19, 27) ................................... 7V
LTC1267-ADJ (Pins 11, 27) ................................. 7V
LTC1267-ADJ5 (Pins 11, 19, 27) ......................... 7V
Operating Ambient Temperature Range ...... 0
°C to 70°C
Extended Commercial
Temperature Range ........................... – 40
°C to 85°C
Junction Temperature (Note 1) ............................ 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300
°C
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
LTC1267CG
ORDER PART
NUMBER
LTC1267CG-ADJ5
ORDER PART
NUMBER
LTC1267CG-ADJ
Consult factory for Industrial and Military grade parts.
The LTC1267 demo circuit board is now available. Consult factory.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VCC
VIN
CAP3
PGATE 3
PDRIVE 3
NGATE 3
PGND3
VCC3
CT3
ITH3
SGND3
SHDN3
SENSE – 3
SENSE+3
28
27
26
25
24
23
22
21
20
19
18
17
16
15
G PACKAGE
28-LEAD PLASTIC SSOP
TJMAX = 125°C, θJA = 95°C/W
TOP VIEW
EXT VCC
MSHDN
CAP5
PGATE 5
PDRIVE 5
NGATE 5
PGND5
VCC5
SGND5
SHDN5
SENSE+5
SENSE – 5
CT5
ITH5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VCC
VIN
CAP1
PGATE 1
PDRIVE 1
NGATE 1
VCC1
CT1
ITH1
SGND1
SHDN1
SENSE – 1
SENSE+1
VFB1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
G PACKAGE
28-LEAD PLASTIC SSOP
TJMAX = 125°C, θJA = 95°C/W
TOP VIEW
EXT VCC
MSHDN
CAP5
PGATE 5
PDRIVE 5
NGATE 5
PGND
VCC5
SGND5
SHDN5
SENSE+5
SENSE – 5
CT5
ITH5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VCC
VIN
CAP1
PGATE 1
PDRIVE 1
NGATE 1
VCC1
CT1
ITH1
SGND1
SHDN1
SENSE – 1
SENSE+1
VFB1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
G PACKAGE
28-LEAD PLASTIC SSOP
TJMAX = 125°C, θJA = 95°C/W
TOP VIEW
EXT VCC
MSHDN
CAP2
PGATE 2
PDRIVE 2
NGATE 2
PGND
VCC2
SGND2
VFB2
SENSE+2
SENSE – 2
CT2
ITH2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com