Electronic Components Datasheet Search
  English  ▼

X  

LTC1267 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1267
Description  Dual High Efficiency Synchronous Step-Down Switching Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1267 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1267 Datasheet HTML 8Page - Linear Technology LTC1267 Datasheet HTML 9Page - Linear Technology LTC1267 Datasheet HTML 10Page - Linear Technology LTC1267 Datasheet HTML 11Page - Linear Technology LTC1267 Datasheet HTML 12Page - Linear Technology LTC1267 Datasheet HTML 13Page - Linear Technology LTC1267 Datasheet HTML 14Page - Linear Technology LTC1267 Datasheet HTML 15Page - Linear Technology LTC1267 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1267
LTC1267-ADJ/LTC1267-ADJ5
APPLICATIO S I FOR ATIO
and inductor core losses, generally account for less
than 2% total additional loss.
Auxiliary Windings––Suppressing Burst Mode
Operation
The LTC1267 synchronous switch removes the normal
limitation that power must be drawn from the inductor
primary winding in order to extract power from auxiliary
windings. With synchronous switching, auxiliary outputs
may be loaded without regard to the primary output load,
providing that the loop remains in continuous mode
operation.
Burst Mode operation can be suppressed at low output
currents with a simple external network which cancels the
25mV minimum current comparator threshold. This tech-
nique is also useful for eliminating audible noise from
certain types of inductors in high current (IOUT > 5A)
applications when they are lightly loaded.
An external offset is put in series with the Sense – pin to
subtract from the built-in 25mV offset. An example of this
technique is shown in Figure 7. Two 100
Ω resistors are
inserted in series with the sense leads from the sense
resistor.
L
RSENSE
+
COUT
LTC1267 • F07
SENSE+
LTC1267
1000pF
R3
SENSE–
R2
100
Ω
R1
100
Ω
Figure 7. Suppressing Burst Mode Operation
With the addition of R3 a current is generated through R1
causing an offset of:
VOFFSET = VOUT
)
) R1
R1 + R3
If VOFFSET > 25mV, the built-in offset will be cancelled and
Burst Mode operation is prevented from occurring. Since
VOFFSET is constant, the maximum load current is also
decreased by the same offset. Thus, to get back to the
same IMAX, the value of the sense resistor must be
reduced:
RSENSE ≈
m
Ω
75
IMAX
To prevent noise spikes from erroneously tripping the
current comparator, a 1000pF capacitor is needed across
Sense+ and Sense– pins.
Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC1267. These items are also illustrated graphically in
the layout diagram of Figure 8. In general each block
should be self-contained with little cross coupling for best
performance. Check the following in your layout:
1. Are the signal and power grounds segregated? The
LTC1267 signal ground must return to the (–) plate of
COUT. The power ground returns to the source of the
N-channel MOSFET, anode of the Schottky diode,
and (–) plate of CIN, which should have as short lead
lengths as possible.
2. Does the LTC1267 Sense – pin connect to a point close
to RSENSE and the (+) plate of COUT? In adjustable
applications the resistive divider R1 and R2 must be
connected between the (+) plate of COUT and signal
ground.
3. Are the Sense – and Sense + leads routed together with
minimum PC trace spacing? The 1000pF capacitor
between the two Sense pins should be as close as
possible to the LTC1267. Up to 100
Ω may be placed in
series with each Sense lead to help decouple the Sense
pins. However, when these resistors are used the
capacitor should be no larger than 1000pF.
4. Does the (+) plate of CIN connect to the source of the
P-channel MOSFET as closely as possible? An addi-
tional 0.1
µF ceramic capacitor between VIN and power
ground may be required in some applications.
5. Is the VCC decoupling capacitor connected closely
between the VCC pins of the LTC1267 and power
ground? This capacitor carries the MOSFET driver peak
currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com