Electronic Components Datasheet Search
  English  ▼

X  

LTC1267 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1267
Description  Dual High Efficiency Synchronous Step-Down Switching Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1267 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1267 Datasheet HTML 2Page - Linear Technology LTC1267 Datasheet HTML 3Page - Linear Technology LTC1267 Datasheet HTML 4Page - Linear Technology LTC1267 Datasheet HTML 5Page - Linear Technology LTC1267 Datasheet HTML 6Page - Linear Technology LTC1267 Datasheet HTML 7Page - Linear Technology LTC1267 Datasheet HTML 8Page - Linear Technology LTC1267 Datasheet HTML 9Page - Linear Technology LTC1267 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1267
LTC1267-ADJ/LTC1267-ADJ5
PI FU CTIO S
CAP: Charge Compensation Pin. A capacitor to VCC pro-
vides charge required by the PGate level shift capacitor
during supply transitions. The charge compensation ca-
pacitor must be larger than the gate drive capacitor.
CT: External Capacitor. From this pin to ground sets the
operating frequency. (The frequency is also dependent
upon the ratio VOUT/VIN).
ITH : Gain Amplifier Decoupling Point. The regulator cur-
rent comparator threshold increases with the ITH pin
voltage.
SENSE – : Connects to internal resistive divider which sets
the output voltage. The Sense– pin is also the (–) input of
the current comparator.
SENSE+: The (+) Input for the Current Comparator. A
built-in offset between the Sense+ and Sense– pins, in
conjunction with RSENSE, sets the current trip threshold.
VFB1, 2: These pins receive the feedback voltage from an
external resistive divider used to set the output voltage of
the adjustable section.
MSHDN: Master Shutdown Pin. Taking MSHDN high
shuts down VCC and all control circuitry.
SHDN1, 3, 5: These pins shut down the individual regula-
tor control circuitry (VCC is not affected). Taking SHDN1,
3, 5 pins high turns off the control circuitry of adjustable
1, 3.3V, 5V sections and holds both MOSFETs off. Must be
at ground potential for normal operation.
FU CTIO AL DIAGRA
(Internal divider broken at VFB1,2 for adjustable versions. Only one regulator block shown.)
R
S
Q
C
25mV TO 150mV
13k
ITH
1.25V
REFERENCE
SGND
SHDN1, 3, 5
VOS
V
G
SENSE+
VFB1, 2
100k
VTH1
T
–
+
VTH2
S
SLEEP
CT
PGND
VCC
VIN
EXT VCC
MSHDN
NGATE
PDRIVE
PGATE
OFF-TIME
CONTROL
SENSE–
SENSE–
LTC1267 • FD
CAP
VCC
550k
LOW DROPOUT
SWITCH
LOW
DROPOUT
4.5V REGULATOR
550k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com