Electronic Components Datasheet Search
  English  ▼

X  

LTC1479 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1479
Description  PowerPath Controller for Dual Battery Systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1479 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1479 Datasheet HTML 5Page - Linear Technology LTC1479 Datasheet HTML 6Page - Linear Technology LTC1479 Datasheet HTML 7Page - Linear Technology LTC1479 Datasheet HTML 8Page - Linear Technology LTC1479 Datasheet HTML 9Page - Linear Technology LTC1479 Datasheet HTML 10Page - Linear Technology LTC1479 Datasheet HTML 11Page - Linear Technology LTC1479 Datasheet HTML 12Page - Linear Technology LTC1479 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
LTC1479
TI I G DIAGRA S
DC and Battery Operation Timing
DCIN
DCINGOOD
DCIN/BAT
BATSEL
MODE 1
DC OPERATION
BAT1 DISCONNECTED
MODE 2
DC OPERATION
BAT1 CHARGING
CHGSEL
MODE 3
DC OPERATION
BAT2 DISCONNECTED
MODE 4
DC OPERATION
BAT2 CHARGING
BATDIS
MODE 5
BAT1 OPERATION
MODE 6
BAT2 OPERATION
NOTE: FOR MODES 1 TO 6, 3DM = H, BAT1 = 16V, BAT2 = 12V
25V
25V
(16V)
(12V)
1479 TD01
0V
OUTPUT
0V
Backup and DC Restoration Timing
DCIN
MODE 7
BAT1 LOW &
DISCONNECTED
MODE 8
BACKUP
OPERATION
MODE 9
NO POWER
(NO BACKUP)
MODE 10
DC RESTORED
(THREE DIODE MODE)
BATDIS
MODE 11
DC RECONNECTED
(SW A/B ON)
MODE 12
THREE DIODE MODE
NOTE: FOR MODES 7 TO 12, BATSEL = H, BAT1 = 16V AND DISCHARGING, BAT2 = 0V
25V
25V
0V
OUTPUT
0V
DCIN/BAT
3DM
LOBAT
BAT1
DISCHARGING
(VBKUP = 6V)
(0V)
(24.3V)
(24.3V)
1479 TD02
(25V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com