Electronic Components Datasheet Search
  English  ▼

X  

LTC1479 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1479
Description  PowerPath Controller for Dual Battery Systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1479 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1479 Datasheet HTML 13Page - Linear Technology LTC1479 Datasheet HTML 14Page - Linear Technology LTC1479 Datasheet HTML 15Page - Linear Technology LTC1479 Datasheet HTML 16Page - Linear Technology LTC1479 Datasheet HTML 17Page - Linear Technology LTC1479 Datasheet HTML 18Page - Linear Technology LTC1479 Datasheet HTML 19Page - Linear Technology LTC1479 Datasheet HTML 20Page - Linear Technology LTC1479 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
LTC1479
APPLICATIONS INFORMATION
the charging battery through one of the N-channel switch
pairs, SW G or SW H. The charging battery voltage is
simultaneously connected through the CHGMON switch
in the LTC1479 to the top of the charger voltage resistor
divider, R4 and R5, for constant voltage charging. (See the
LT1510 data sheet for further detail.)
LT1511 Battery Charger Interface
The LT1511, 3A CC/CV battery charger with input current
limiting, is connected in a slightly different manner than
the LT1510 as illustrated in Figure 11.
Figure 11. Interfacing to the LT1511 Constant-Voltage/Constant-Current Battery Charger with Input Current Limiting
1479 F11
SW H
Si9926DY
SW G
Si9926DY
BAT1
4 Li-ION
BATTERY
PACK
BAT2
4 Li-ION
BATTERY
PACK
+
+
CBAT1
47
µF
CBAT2
47
µF
DC INPUT
(FROM AC
ADAPTOR)
VCC
D1
MBRS340T
R1
500
Ω
C2
0.33
µF
C1
1
µF
PROG
RPROG
4.93k
1%
RS4
0.05
Ω
C3
200pF
VC
SW
UV
BOOST
COMP1
SPIN
BAT
SENSE
GND
C6
0.47
µF
C7
50pF
C12
1
µF
C5
10
µF
D3
MBR0540T
L1
20
µH
D2
MBRS340T
LT1511
C4
10
µF
CERAMIC
0.1
µF
330
Ω
+
CCHG
22
µF
TANT
+
(CHARGER OUTPUT)
Q1
2N7002
R2
1k
CURRENT CONTROL
FROM POWER
MANAGEMENT
µP
+
–
R6
649k
0.25%
R5
6.8k
R4
5k
R3
500
Ω
R7
115k
0.25%
RS3
200
Ω
1%
RS2
200
Ω
1%
RS1
0.033
Ω
OVP
CLP
CLN
TO SW C/D
TO SW E/F
TO
SW A/B
+
–
POWER
MANAGEMENT
µP
BAT1
BAT2
GG SG GH SH
CHGMON
DCIN
LTC1479
1479 F10
SW H
Si9926DY
SW G
Si9926DY
BAT1
4 Li-ION
BATTERY
PACK
BAT2
4 Li-ION
BATTERY
PACK
+
+
CBAT1
47
µF
CBAT2
47
µF
DC INPUT
(FROM AC
ADAPTOR)
VCC
D1
MBRS140T
R2
300
Ω
C1
1
µF
PROG
RPROG
11k
1%
R3
1k
C2
0.1
µF
VC
SW
BOOST
SENSE
BAT
GND
C3
0.22
µF
0.1
µF
D3
1N4148
L1*
33
µH
D2
MBRS140T
LT1510
C6
10
µF
CERAMIC
+
CCHG
22
µF
TANT
(CHARGER OUTPUT)
Q1
2N7002
R1
100k
1%
CURRENT CONTROL
FROM POWER
MANAGEMENT
µP
+
–
R4
649k
0.25%
R5
115k
0.25%
OVP
*COILTRONICS CTX33-2
TO SW C/D
TO SW E/F
TO
SW A/B
330
Ω
+
–
POWER
MANAGEMENT
µP
BAT1
BAT2 GG SG GH SH
CHGMON
DCIN
LTC1479
Figure 10. Interfacing to the LT1510 Constant-Voltage/Constant-Current Battery Charger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com