Electronic Components Datasheet Search
  English  ▼

X  

LTC1479 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1479
Description  PowerPath Controller for Dual Battery Systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1479 Datasheet(HTML) 4 Page - Linear Technology

  LTC1479 Datasheet HTML 1Page - Linear Technology LTC1479 Datasheet HTML 2Page - Linear Technology LTC1479 Datasheet HTML 3Page - Linear Technology LTC1479 Datasheet HTML 4Page - Linear Technology LTC1479 Datasheet HTML 5Page - Linear Technology LTC1479 Datasheet HTML 6Page - Linear Technology LTC1479 Datasheet HTML 7Page - Linear Technology LTC1479 Datasheet HTML 8Page - Linear Technology LTC1479 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LTC1479
AC ELECTRICAL CHARACTERISTICS
VDCIN = 25V, VBAT1 = 16V, VBAT2 = 12V, TA = 25°C unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tONGA/GB
Gate A/B Turn-On Time
VGS > 3V (Note 5)
30
µs
tONGC/GD
Gate C/D Turn-On Time
VGS > 3V (Note 5)
30
µs
tONGE/GF
Gate E/F Turn-On Time
VGS > 3V (Note 5)
30
µs
tOFFGA/GB
Gate A/B Turn-Off Time
VGS < 1V (Note 5)
3
µs
tOFFGC/GD
Gate C/D Turn-Off Time
VGS < 1V (Note 5)
3
µs
tOFFGE/GF
Gate E/F Turn-Off Time
VGS < 1V (Note 5)
3
µs
tONGG/GH
Gate G/H Turn-On Time
VGS > 3V (Note 5)
300
µs
tOFFGG/GH
Gate G/H Turn-Off Time
VGS < 1V (Note 5)
5
µs
fOVGG
VGG Reg Operating Frequency
30
kHz
tdLOBAT
LOBAT Delay Times
∆VBDIV = ±100mV, RPULLUP = 51k
5
µs
tdDCINGOOD
DCINGOOD Delay Times
∆VDCDIV = ±100mV, RPULLUP = 51k
5
µs
The q denotes specifications which apply over the full operating
temperature range.
Note 1: The logic inputs are high impedance CMOS gates with ESD
protection diodes to ground and therefore should not be forced below
ground. These inputs can however be driven above the VCCP or VCC supply
rails as there are no clamping diodes connected between the input pins
and the supply rails. This facilitates operation in mixed 5V/3V systems.
Note 2: The Selected Operating Mode Truth Table, which defines the
operating conditions and logical states associated with each “normal”
operating mode, should be used in conjunction with the Electrical
Characteristics table to establish test conditions. Actual production test
conditions may be more stringent.
Note 3: The following inputs are high impedance CMOS inputs:
3DM and DCIN/BAT and have no internal pull-up current.
Note 4: The following inputs have built-in 2
µA pull-up current sources
(passed through series diodes): BATSEL, BATDIS and CHGSEL.
Note 5: Gate turn-on and turn-off times are measured with no inrush
current limiting, i. e., VSENSE = 0V, using Si4936DY MOSFETs in the typical
application circuit.
TRUTH TABLE
SELECTED MODES
LOGIC INPUTS
SWITCH STATUS
OUTPUTS
SW
SW
SW
SW
SW
NO. MODE
3DM DCIN/BAT BATSEL
BATDIS
CHGSEL
A/B
C/D
E/F
G
H
CHGMON
VBAT LOBAT DCINGOOD
1
DC Operation
H
H
H
L
H
On
Off
Off
Off
Off
Hi-Z
BAT1
H
H
2
DC Operation and
H
H
H
H
H
On
Off
Off
On
Off
BAT1
BAT1
H
H
BAT1 Charging
3
DC Operation and
H
H
L
L
L
On
Off
Off
Off
Off
Hi-Z
BAT2
H
H
BAT2 Disconnected
4
DC Operation and
H
H
L
H
L
On
Off
Off
Off
On
BAT2
BAT2
H
H
BAT2 Charging
5
BAT1 Operation
H
L
H
H
H
Off
On
Off
Off
Off
Hi-Z
BAT1
H
L
6
BAT2 Operation
H
L
L
H
H
Off
Off
On
Off
Off
Hi-Z
BAT2
H
L
7
BAT1 Low and
H
L
H
L
H
Off
Off
Off
Off
Off
Hi-Z
BAT1
L
L
Disconnected
8
Backup Operation
H
L
H
L
H
Off
Off
Off
Off
Off
Hi-Z
BAT1
L
L
9
No Power
L
L
L
L
L
Off
Off
Off
Off
Off
Hi-Z
BAT2
L
L
(No Backup)
10 DC Reconnected
L
L
H
L
H
3DM* 3DM* 3DM* Off
Off
Hi-Z
BAT1
L
H
11 DC Connected
H
H
H
L
H
On
Off
Off
Off
Off
Hi-Z
BAT1
L
H
and Reset
(Selected Operating Modes)
* 3DM = Three Diode Mode. When this mode is invoked, only the first
MOSFET switch in each back-to-back switch pair, i. e., SW A, SW C and
SW E is turned on. Current may still pass through the inherent body
diode of the idled switches, i.e., SW B, SW D and SW F to help restart
the system after abnormal operating conditions have been encountered.
See the Timing Diagram and Applications Information sections for
further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com