Electronic Components Datasheet Search
  English  ▼

X  

LTC1479 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1479
Description  PowerPath Controller for Dual Battery Systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1479 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1479 Datasheet HTML 2Page - Linear Technology LTC1479 Datasheet HTML 3Page - Linear Technology LTC1479 Datasheet HTML 4Page - Linear Technology LTC1479 Datasheet HTML 5Page - Linear Technology LTC1479 Datasheet HTML 6Page - Linear Technology LTC1479 Datasheet HTML 7Page - Linear Technology LTC1479 Datasheet HTML 8Page - Linear Technology LTC1479 Datasheet HTML 9Page - Linear Technology LTC1479 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC1479
PIN FUNCTIONS
External Power Supply Pins
DCIN (Pin 1): Supply Input. A 330
Ω resistor should be
put in series with this pin and the external DC power
source. A 0.1
µF bypass capacitor should be connected to
this pin as close as possible.
DCDIV (Pin 2): Supply Divider Input. This is a high
impedance comparator input with a 1.215V threshold
(rising edge) and approximately – 35mV hysteresis.
BAT1, BAT2 (Pins 35, 34): Supply Input. These two pins
are the inputs from the two batteries. A 1
µF bypass
capacitor should be connected to each pin as close as
possible if there is no larger battery supply capacitor
within 2".
VBAT (Pin 32): Battery Voltage Sense. This pin connects
the top of the battery resistor ladder to either BAT1 or
BAT2.
BDIV (Pin 33): Battery Divider Input. A high impedance
comparator input with a 1.215V threshold (falling edge)
and approximately 35mV hysteresis.
VBKUP (Pin 36): Supply Input. This input supplies power to
the LTC1479 when in the backup mode of operation. A 1
µF
bypass capacitor should be connected to the VBKUP pin as
close as possible if there is no larger backup supply
capacitor within 2".
Internal Power Supply Pins
VCCP (Pin 20): Power Supply Output. Bypass this output
with at least a 0.1
µF capacitor. The VCCP power supply is
used primarily to power internal logic circuitry.
VCC (Pin 15): Power Supply Output. This is a nominal
3.60V output. Bypass this regulator output with a 2.2
µF
tantalum capacitor.
This capacitor is required for stability.
V+ (Pin 17): Supply. The V+ pin is connected via three
internal diodes to the DCIN, BAT1 and BAT2 pins and
powers the top of the VGG switching regulator inductor.
Bypass this pin with a 1
µF/35V capacitor.
VGG (Pin 16): Gate Supply. This high voltage (36.5V)
switching regulator is intended only for driving the internal
micropower gate drive circuitry.
Do not load this pin with
any external circuitry. Bypass this pin with a 1
µF/50V
capacitor.
SW (Pin 18): Output. This pin drives the “bottom” of the
VGG switching regulator inductor which is connected
between this pin and the V + pin.
GND (Pin 19): Ground. The VGG and V + bypass capacitors
should be returned to this ground which is connected
directly to the source of the N-channel switch in the VGG
regulator.
Input Power Switches
GA, GB (Pins 4, 6): DCIN Switch Gate Drive. These two
pins drive the gates of the back-to-back N-channel switches
in series with the DCIN input.
SAB (Pin 5): Source Return. The SAB pin is connected to
the sources of SW A and SW B. A small pull-down current
source returns this node to 0V when the switches are
turned off.
GC, GD (Pins 7, 9): BAT1 Switch Gate Drive. These two
pins drive the gates of the back-to-back N-channel
switches in series with the BAT1 input.
SCD (Pin 8): Source Return. The SCD pin is connected to
the sources of SW C and SW D. A small pull-down current
source returns this node to 0V when the switches are
turned off.
GE, GF (Pins 10, 12): BAT2 Switch Gate Drive. These two
pins drive the gates of the back-to-back N-channel
switches in series with the BAT2 input.
SEF (Pin 11): Source Return. The SEF pin is connected to
the sources of SW E and SW F. A small pull-down current
source returns this node to 0V potential when the switches
are turned off.
SENSE + (Pin 13): Inrush Current Input. This pin should
be connected directly to the “top” (switch side) of the low
valued resistor in series with the three input power
selector switch pairs, SW A/B, SW C/D and SW E/F, for
detecting and controlling the inrush current into and out
of the power supply sources and the output capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com