Electronic Components Datasheet Search
  English  ▼

X  

LTC1479 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC1479
Description  PowerPath Controller for Dual Battery Systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1479 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC1479 Datasheet HTML 15Page - Linear Technology LTC1479 Datasheet HTML 16Page - Linear Technology LTC1479 Datasheet HTML 17Page - Linear Technology LTC1479 Datasheet HTML 18Page - Linear Technology LTC1479 Datasheet HTML 19Page - Linear Technology LTC1479 Datasheet HTML 20Page - Linear Technology LTC1479 Datasheet HTML 21Page - Linear Technology LTC1479 Datasheet HTML 22Page - Linear Technology LTC1479 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
LTC1479
APPLICATIONS INFORMATION
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
COSC
RUN/SS
ITH
SFB
SGND
VOSENSE
SENSE +
SENSE –
TG
BOOST
SW
VIN
INTVCC
BG
PGND
VCC
LTC1435
+
1
2
3
45
6
7
8
SENSE
IOUT
GND
NIN
PIN
VCC
PROG
AVG
LT1620
+
SHDN
IPROG
DC INPUT
(FROM AC
ADAPTER)
TO
W A/B
330
Ω
+
R1
1M
0.1%
R2
76.8k
0.1%
C1
100pF
0.1
µF
C2
100pF
C3
0.1
µF
R5
1.5M
R5, 1k
C4
0.033
µF
C6
0.1
µF
C5
0.01
µF
C8
0.1
µF
C9, 100pF
C10
100pF
C7
0.33
µF
R3
10k
1%
C11
56pF
C12
0.1
µF
D1*
CMDSH-3
C13
0.33
µF
D2*
CMDSH-3
Q1
Si4412DY
Q2
Si4412DY
L1
27
µH
C15
22
µF
35V
×2
R4
0.025
Ω
C14
4.7
µF
C16
22
µF
35V
1479 F12
SW H
Si9926DY
SW G
Si9926DY
BAT1
4 Li-ION
BATTERY
PACK
BAT2
4 Li-ION
BATTERY
PACK
+
+
CBAT1
10
µF
CBAT2
10
µF
+
–
TO SW C/D
TO SW E/F
+
–
POWER
MANAGEMENT
µP
BAT1
BAT2 GG SG GH SH
CHGMON
DCIN
LTC1479
*CENTRAL SEMICONDUCTOR CO. (516) 435-1110
Figure 12. Interfacing to an LT1620/LTC1435 High Efficiency Constant-Voltage/Constant-Current Battery Charger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com