Electronic Components Datasheet Search
  English  ▼

X  

LTC1479 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1479
Description  PowerPath Controller for Dual Battery Systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1479 Datasheet(HTML) 5 Page - Linear Technology

  LTC1479 Datasheet HTML 1Page - Linear Technology LTC1479 Datasheet HTML 2Page - Linear Technology LTC1479 Datasheet HTML 3Page - Linear Technology LTC1479 Datasheet HTML 4Page - Linear Technology LTC1479 Datasheet HTML 5Page - Linear Technology LTC1479 Datasheet HTML 6Page - Linear Technology LTC1479 Datasheet HTML 7Page - Linear Technology LTC1479 Datasheet HTML 8Page - Linear Technology LTC1479 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LTC1479
TYPICAL PERFORMANCE CHARACTERISTICS
DCIN Supply Current
BAT1 Supply Current
BAT2 Supply Current
VGG Supply Voltage
JUNCTION TEMPERATURE (
°C)
–50
38
40
44
25
75
1479 G05
36
34
–25
0
50
100
125
32
30
42
MODE 1
VDCIN = 24V
VBKUP Supply Current
VBKUP SUPPLY VOLTAGE (V)
0
40
50
70
15
25
1479 G04
30
20
510
20
30
35
10
0
60
MODE 8
NO OTHER POWER
TJ = 25°C
VCC Supply Voltage
JUNCTION TEMPERATURE (
°C)
–50
3.7
3.8
4.0
25
75
1479 G06
3.6
3.5
–25
0
50
100
125
3.4
3.3
3.9
MODE 1
VDCIN = 24V
VCCP Supply Voltage
JUNCTION TEMPERATURE (
°C)
–50
5.0
5.5
6.5
25
75
1479 G07
4.5
4.0
–25
0
50
100
125
3.5
3.0
6.0
MODE 1
VDCIN = 24V
DCIN SUPPLY VOLTAGE (V)
0
200
250
350
15
25
1479 G01
150
100
510
20
30
35
50
0
300
MODE 1, DCDIV = 1.5V
NO OTHER POWER
TJ = 25°C
BAT1 SUPPLY VOLTAGE (V)
0
200
250
350
15
25
1479 G02
150
100
510
20
30
35
50
0
300
MODE 5
NO OTHER POWER
TJ = 25°C
BAT2 SUPPLY VOLTAGE (V)
0
200
250
350
15
25
1479 G03
150
100
510
20
30
35
50
0
300
MODE 6
NO OTHER POWER
TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com