Electronic Components Datasheet Search
  English  ▼

X  

UPD98405 Datasheet(PDF) 16 Page - NEC

Part # UPD98405
Description  155M ATM INTEGRATED SAR CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD98405 Datasheet(HTML) 16 Page - NEC

Back Button UPD98405 Datasheet HTML 12Page - NEC UPD98405 Datasheet HTML 13Page - NEC UPD98405 Datasheet HTML 14Page - NEC UPD98405 Datasheet HTML 15Page - NEC UPD98405 Datasheet HTML 16Page - NEC UPD98405 Datasheet HTML 17Page - NEC UPD98405 Datasheet HTML 18Page - NEC UPD98405 Datasheet HTML 19Page - NEC UPD98405 Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
Data Sheet S12689EJ2V0DS00
16
µµµµPD98405
(2/2)
Pin Name
Pin No.
I/O
I/O Level
Function
STOP_B
27
I/O
Sustained
3-state
PCI
Stop.
This signal goes low when the target device requests the master
device to stop the current transaction.
DEVSEL_B
24
I/O
Sustained
3-state
PCI
Device select.
When the
µPD98405 is operating as a target, it makes this
signal low after the FRAME_B signal has been asserted active
and the
µPD98405 has recognized an address. When the
µPD98405 is operating as a master, it samples this signal to
check to see if a target device has been selected.
IDSEL
5
I
PCI
Initialization device select.
This signal is high when the configuration register of the
µPD98405 is read or written.
REQ_B
294
O
Note
PCI
Request.
The
µPD98405 makes this signal low to request the arbiter for
the bus mastership.
GNT_B
291
I
PCI
Grant.
This signal goes low when the arbiter grants the
µPD98405 the
bus mastership.
PERR_B
28
I/O
Sustained
3-state
PCI
Parity error.
This signal indicates that the
µPD98405 has detected a data
parity error. It is enabled when the “Parity Error Response” bit of
the configuration register is set to “1”.
SERR_B
29
O
N-ch
open-drain
System error.
This signal indicates that the
µPD98405 has detected an
address parity error. It is enabled when both the “Parity Error
Response” and “System Error Enable” bits of the configuration
register are set to “1”.
INTR_B
288
O
N-ch
open-drain
Interrupt output.
Pull up this signal because it is an open-drain signal. INTR_B
informs the CPU that an unmasked interrupt bit of the interrupt
GSR register has been set.
CLK
290
I
PCI
Clock.
This is a system bus clock input pin. A clock of up to 33 MHz is
input.
RST_B
289
I
PCI
Reset.
This signal initializes the
µPD98405 (on starting, etc.).
When a low level is input to RST_B, the internal state machine
and registers of the
µPD98405 are reset, and all the three-state
signals go into a high-impedance state. The reset input is
asynchronous. When this signal is input during operation, the
operating status at that time is lost. Keep RST_B low at least
for the duration of one clock cycle. After reset, do not access
the
µPD98405 for the duration of at least 20 clocks.
Note According to “PCI Local Bus Specification Revision 2.1”, the REQ_B pin should go into a high-impedance
state while a low level is input to the RST_B pin. The REQ_B pin of the
µPD98405, however, outputs a
high level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com