Electronic Components Datasheet Search
  English  ▼

X  

UPD98405 Datasheet(PDF) 23 Page - NEC

Part # UPD98405
Description  155M ATM INTEGRATED SAR CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD98405 Datasheet(HTML) 23 Page - NEC

Back Button UPD98405 Datasheet HTML 19Page - NEC UPD98405 Datasheet HTML 20Page - NEC UPD98405 Datasheet HTML 21Page - NEC UPD98405 Datasheet HTML 22Page - NEC UPD98405 Datasheet HTML 23Page - NEC UPD98405 Datasheet HTML 24Page - NEC UPD98405 Datasheet HTML 25Page - NEC UPD98405 Datasheet HTML 26Page - NEC UPD98405 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
Data Sheet S12689EJ2V0DS00
23
µµµµPD98405
1.8 Pin Status during and after Reset
(1/2)
Pin Name
During Reset
After Reset
RENBL_B
1
1
RCLK
CLK output
CLK output
Tx7-Tx0
0
0
TSOC
0
0
TENBL_B
0
0
TCLK
CLK output
CLK output
PHR/W_B (external PHY)/PHYALM (internal PHY)
0
0
PHOE_B
1
1
PHCE_B (external PHY)/SD (internal PHY)
Hi-Z (input)
Hi-Z (input)
AD31-AD0
Hi-Z (input)
Hi-Z (input)
PCBE3_B-PCBE0_B (PCI)/BE3_B-BE0_B (Generic)
Hi-Z (input)
Hi-Z (input)
PAR
Hi-Z (input)
Hi-Z (input)
FRAME_B
Hi-Z (input)
Hi-Z (input)
TRDY_B
Hi-Z (input)
Hi-Z (input)
IRDY_B
Hi-Z (input)
Hi-Z (input)
STOP_B
Hi-Z (input)
Hi-Z (input)
DEVSEL_B
Hi-Z (input)
Hi-Z (input)
REQ_B (PCI)/ATTN_B (Generic)
1
1
PERR_B
Hi-Z (input)
Hi-Z (input)
SERR_B
Hi-Z
Hi-Z
INTR_B
Hi-Z
Hi-Z
AD63-AD61 (PCI)/PAR2-PAR0 (Generic)
Hi-Z (input)
Hi-Z (input)
AD60-AD56 (PCI)/(Generic)
Hi-Z (input)/Hi-Z (output)
Hi-Z (input)/Hi-Z (output)
AD55-AD32 (PCI)/(Generic)
Hi-Z (input)/0
Hi-Z (input)/0
PCBE7_B-PCBE5_B (PCI)/SIZE2-SIZE0 (Generic)
Hi-Z (input)/0
Hi-Z (input)/0
PCBE4_B (PCI)/PAR3 (Generic)
Hi-Z (input)
Hi-Z (input)
PAR64
Hi-Z (input)
Hi-Z (input)
REQ64_B(PCI)/DR/W_B (Generic)
Hi-Z/1
Hi-Z/1
E2PCS
0
0
E2PDO
0
0
E2PCLK
0
0
ROMA15-ROMA0
0
0
ROMCS_B
1
1
ROMOE_B
1
1
CD31-CD0
0
0
CPAR3-CPAR0
0
0
CA18-CA0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com