Electronic Components Datasheet Search
  English  ▼

X  

UPD98405 Datasheet(PDF) 18 Page - NEC

Part # UPD98405
Description  155M ATM INTEGRATED SAR CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD98405 Datasheet(HTML) 18 Page - NEC

Back Button UPD98405 Datasheet HTML 14Page - NEC UPD98405 Datasheet HTML 15Page - NEC UPD98405 Datasheet HTML 16Page - NEC UPD98405 Datasheet HTML 17Page - NEC UPD98405 Datasheet HTML 18Page - NEC UPD98405 Datasheet HTML 19Page - NEC UPD98405 Datasheet HTML 20Page - NEC UPD98405 Datasheet HTML 21Page - NEC UPD98405 Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
Data Sheet S12689EJ2V0DS00
18
µµµµPD98405
<3>
Serial EEPROM interface signals
The
µPD98405 has a serial EEPROM interface supporting MICROWIRETM interface. Through this serial
EEPROM interface, the contents of the PCI configuration register can be loaded from an EEPROM connected.
Remark It is recommended that National Semiconductor’s “NM93C46” be connected as the EEPROM.
Pin Name
Pin No.
I/O
I/O Level
Function
E2PCS
234
O
TTL
EEPROM chip select.
This is a chip select signal for EEPROM.
E2PDI
231
I
TTL
EEPROM data input.
This signal is connected to the data output pin of the EEPROM.
This signal is internally pulled down.
E2PDO
232
O
TTL
EEPROM data output.
This signal is connected to the data input pin of the EEPROM.
E2PCLK
233
O
TTL
EEPROM clock.
This pin supplies the clock necessary for transferring data with
the EEPROM. It divides the clock input to the CLK pin by 36 for
output.
<4>
Expansion ROM interface signals.
The
µPD98405 has an expansion ROM interface as option.
Pin Name
Pin No.
I/O
I/O Level
Function
ROMA15-
ROMA0
200-207,
209-213,
215-217
O
TTL
ROM address.
These are address signals to access the 64K expansion ROM.
ROMD7-
ROMD0
218-225
I
TTL
ROM data.
These are expansion ROM data signals and are internally pulled
down.
ROMCS_B
226
O
TTL
ROM select.
This is a chip select signal for the expansion ROM.
ROMOE_B
230
O
TTL
ROM output enable.
This signal enables the output buffer of the expansion ROM
during a read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com