Electronic Components Datasheet Search
  English  ▼

X  

LTC3586 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3586
Description  High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3586 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3586 Datasheet HTML 3Page - Linear Technology LTC3586 Datasheet HTML 4Page - Linear Technology LTC3586 Datasheet HTML 5Page - Linear Technology LTC3586 Datasheet HTML 6Page - Linear Technology LTC3586 Datasheet HTML 7Page - Linear Technology LTC3586 Datasheet HTML 8Page - Linear Technology LTC3586 Datasheet HTML 9Page - Linear Technology LTC3586 Datasheet HTML 10Page - Linear Technology LTC3586 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LTC3586/LTC3586-1

3586fb
Typical perForMance characTerisTics
USB Limited Battery Charge
Current vs Battery Voltage
USB Limited Battery Charge
Current vs Battery Voltage
Battery Drain Current
vs Battery Voltage
PowerPath Switching Regulator
Efficiency vs Output Current
Battery Charging Efficiency vs
Battery Voltage with No External
Load (PBAT/PBUS)
VBUS Current vs VBUS Voltage
(Suspend)
BATTERY VOLTAGE (V)
2.7
500
600
700
3.9
3586 G04
400
300
3.0
3.3
3.6
4.2
200
100
0
VBUS = 5V
RPROG = 1k
RCLPROG = 3k
5x USB SETTING,
BATTERY CHARGER SET FOR 1A
LTC3586-1
LTC3586
BATTERY VOLTAGE (V)
2.7
0
25
50
75
100
125
150
3.0
3.3
3.6
3.9
3586 G05
4.2
VBUS = 5V
RPROG = 1k
RCLPROG = 3k
1x USB SETTING,
BATTERY CHARGER SET FOR 1A
LTC3586-1
LTC3586
BATTERY VOLTAGE (V)
2.7
15
20
25
3.9
3586 G06
10
5
0
3.0
3.3
3.6
4.2
VBUS = 0V
VBUS = 5V
(SUSPEND MODE, RCLPROG = 3.01k)
IVOUT = 0µA
OUTPUT CURRENT (A)
0.01
40
50
60
70
80
100
0.1
1
3586 G07
90
5x, 10x MODE
1x MODE
BAT = 3.8V
BATTERY VOLTAGE (V)
2.7
80
90
3.9
3586 G08
70
60
3
3.3
3.5
4.2
100
LTC3586
RCLPROG = 3.01k
RPROG = 1K
IVOUT = 0mA
5x CHARGING EFFICIENCY
1x CHARGING EFFICIENCY
VBUS VOLTAGE (V)
0
30
35
40
45
4
3586 G09
25
20
15
10
5
0
1
2
3
5
Output Voltage vs Output Current
in Suspend
VBUS Current vs Output Current in
Suspend
3.3V LDO Output Voltage
vs Output Current, VBUS = 0V
OUTPUT CURRENT (mA)
0
4.0
4.5
5.0
0.4
3586 G10
3.5
3.0
2.5
0.1
0.2
0.3
0.5
VBUS = 5V
BAT = 3.3V
RCLPROG = 3.01k
OUTPUT CURRENT (mA)
0
0.3
0.4
0.5
0.4
3586 G11
0.2
0.1
0
0.1
0.2
0.3
0.5
VBUS = 5V
BAT = 3.3V
RCLPROG = 3.01k
OUTPUT CURRENT (mA)
0
3.0
3.2
20
3586 G12
2.8
2.6
5
10
15
25
3.4
BAT = 3V
BAT = 3.1V
BAT = 3.2V
BAT = 3.3V
BAT = 3.6V
BAT = 3.5V
BAT = 3.4V
BAT = 3.9V, 4.2V
(TA = 25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com