Electronic Components Datasheet Search
  English  ▼

X  

LTC3586 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC3586
Description  High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3586 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC3586 Datasheet HTML 25Page - Linear Technology LTC3586 Datasheet HTML 26Page - Linear Technology LTC3586 Datasheet HTML 27Page - Linear Technology LTC3586 Datasheet HTML 28Page - Linear Technology LTC3586 Datasheet HTML 29Page - Linear Technology LTC3586 Datasheet HTML 30Page - Linear Technology LTC3586 Datasheet HTML 31Page - Linear Technology LTC3586 Datasheet HTML 32Page - Linear Technology LTC3586 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
LTC3586/LTC3586-1

3586fb
load current. Choose an inductor with a DC current rating
at least 1.5 times larger than the maximum load current to
ensure that the inductor does not saturate during normal
operation. If output short circuit is a possible condition,
the inductor should be rated to handle the maximum peak
current specified for the buck converters.
Differentcorematerialsandshapeswillchangethesize/cur-
rent and price/current relationship of an inductor. Toroid
or shielded pot cores in ferrite or Permalloy materials are
small and don’t radiate much energy, but generally cost
more than powdered iron core inductors with similar
electrical characteristics. Inductors that are very thin or
have a very small volume typically have much higher
core and DCR losses, and will not give the best efficiency.
The choice of which style inductor to use often depends
more on the price vs size, performance and any radiated
EMI requirements than on what the LTC3586/LTC3586-1
require to operate.
The inductor value also has an effect on Burst Mode
operations. Lower inductor values will cause the Burst
Mode switching frequencies to increase.
Table 5 shows several inductors that work well with the
LTC3586/LTC3586-1’sbuckregulators.Theseinductorsof-
feragoodcompromiseincurrentrating,DCRandphysical
size. Consult each manufacturer for detailed information
on their entire selection of inductors.
Buck Regulator Input/Output Capacitor Selection
Low ESR (equivalent series resistance) MLCC capacitors
should be used at both buck regulator outputs as well as at
eachbuckregulatorinputsupply(VIN1andVIN2).OnlyX5R
or X7R ceramic capacitors should be used because they
retaintheircapacitanceoverwidervoltageandtemperature
ranges than other ceramic types. A 10µF output capaci-
tor is sufficient for most applications. For good transient
response and stability the output capacitor should retain
at least 4µF of capacitance over operating temperature
and bias voltage. Each buck regulator input supply should
be bypassed with a 1µF capacitor. Consult with capacitor
manufacturers for detailed information on their selection
and specifications of ceramic capacitors. Many manufac-
turers now offer very thin (<1mm tall) ceramic capacitors
ideal for use in height-restricted designs. Table 6 shows a
list of several ceramic capacitor manufacturers.
applicaTions inForMaTion
Table 5. Recommended Inductors for Buck Regulators
INDUCTOR
TYPE
L
(µH)
MAX
IDC
(A)
MAX
DCR
(Ω)
SIZE IN mm
(L
× W × H) MANUFACTURER
DE2818C
4.7 1.25 0.072* 3.0 × 2.8 × 1.8 Toko
www.toko.com
DE2812C
4.7 1.15 0.13* 3.0 × 2.8 × 1.2
CDRH3D16 4.7
0.9
0.11
4
× 4 × 1.8
Sumida
www.sumida.com
SD3118
4.7
1.3 0.162 3.1 × 3.1 × 1.8 Cooper
www.cooperet.com
SD3112
4.7
0.8 0.246 3.1 × 3.1 × 1.2
LPS3015
4.7
1.1
0.2
3.0
× 3.0 × 1.5 Coilcraft
www.coilcraft.com
*Typical DCR
Table 6. Recommended Ceramic Capacitor Manufacturers
AVX
www/avxcorp.com
Murata
www.murata.com
Taiyo Yuden
www.t-yuden.com
Vishay Siliconix
www.vishay.com
TDK
www.tdk.com
BUCK-BOOST REGULATOR APPLICATIONS SECTION
Buck-Boost Regulator Inductor Selection
Inductor selection criteria for the buck-boost are similar
to those given for the buck switching regulator. The buck-
boost converter is designed to work with inductors in the
rangeof1µHto5µH.Formostapplicationsa2.2µHinductor
will suffice. Choose an inductor with a DC current rating
at least 2 times larger than the maximum load current to
ensure that the inductor does not saturate during normal
operation. If output short circuit is a possible condition,
the inductor should be rated to handle the maximum peak
current specified for the buck-boost converter.
Table 7 shows several inductors that work well with the
LTC3586/LTC3586-1’sbuck-boostregulator.Theseinduc-
tors offer a good compromise in current rating, DCR and
physical size. Consult each manufacturer for detailed
information on their entire selection of inductors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com