Electronic Components Datasheet Search
  English  ▼

X  

LTC3586 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3586
Description  High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3586 Datasheet(HTML) 5 Page - Linear Technology

  LTC3586 Datasheet HTML 1Page - Linear Technology LTC3586 Datasheet HTML 2Page - Linear Technology LTC3586 Datasheet HTML 3Page - Linear Technology LTC3586 Datasheet HTML 4Page - Linear Technology LTC3586 Datasheet HTML 5Page - Linear Technology LTC3586 Datasheet HTML 6Page - Linear Technology LTC3586 Datasheet HTML 7Page - Linear Technology LTC3586 Datasheet HTML 8Page - Linear Technology LTC3586 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LTC3586/LTC3586-1

3586fb
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBUS = 5V, BAT = 3.8V, VIN1 = VIN2 = VIN3 = VIN4 = VOUT3 = 3.8V,
VOUT4 = 5V, RPROG = 1k, RCLPROG = 3.01k, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switching Regulators 1 and 2 (Buck)
IVIN1,2
Pulse-Skip Mode Input Current
Burst Mode® Input Current
Shutdown Input Current
IVOUT1,2 = 0µA, (Note 7)
IVOUT1,2 = 0µA, (Note 7)
IVOUT1,2 = 0µA, (Note 7)
225
35
60
1
µA
µA
µA
ILIM1,2
PMOS Switch Current Limit
Pulse-Skip/Burst Mode Operation (Note 5)
600
800
1100
mA
RP1,2
PMOS RDS(ON)
0.6
Ω
RN1,2
NMOS RDS(ON)
0.7
Ω
D1,2
Maximum Duty Cycle
100
%
RSW1,2
SW1,2 Pull-Down in Shutdown
10
kΩ
Switching Regulator 3 (Buck-Boost)
IVIN3
Input Current
PWM Mode, IVOUT3 = 0µA
Burst Mode Operation, IVOUT3 = 0µA
Shutdown
220
13
0
400
20
1
µA
µA
µA
VOUT3(LOW)
Minimum Regulated Output Voltage
For Burst Mode Operation or PWM Mode
2.65
2.75
V
VOUT3(HIGH)
Maximum Regulated Output Voltage
5.5
5.6
V
ILIMF3
Forward Current Limit (Switch A)
PWM Mode (Note 5)
l
2
2.5
3
A
IPEAK3(BURST)
Forward Burst Current Limit (Switch A) Burst Mode Operation
l
200
275
350
mA
IZERO3(BURST)
Reverse Burst Current Limit (Switch D) Burst Mode Operation
l
–30
0
30
mA
IMAX3(BURST)
Maximum Deliverable Output Current in
Burst Mode Operation
2.7V ≤ VIN3 ≤ 5.5V, 2.75V ≤ VOUT3 ≤ 5.5V
(Note 8)
50
mA
RDS(ON)P
PMOS RDS(ON)
Switches A, D
0.22
Ω
RDS(ON)N
NMOS RDS(ON)
Switches B, C
0.17
Ω
ILEAK(P)
PMOS Switch Leakage
Switches A, D
–1
1
µA
ILEAK(N)
NMOS Switch Leakage
Switches B, C
–1
1
µA
RVOUT3
VOUT3 Pull-Down in Shutdown
10
kΩ
DBUCK(MAX)
Maximum Buck Duty Cycle
PWM Mode
l
100
%
DBOOST(MAX)
Maximum Boost Duty Cycle
PWM Mode
75
%
tSS3
Soft-Start Time
0.5
ms
Switching Regulator 4 (Boost)
IVIN4
Input Current
FB4 > 0.8V, IVOUT4 = 0µA
Shutdown, VOUT4 = 0V
180
1
µA
µA
IVOUT4
Q-Current Drawn from Boost Output
FB4 = 0V
7.5
mA
ILIMF4
NMOS Switch Current Limit
(Note 5)
2000
2800
mA
VOUT4
Output Voltage Adjust Range
5
V
VOV4
Overvoltage Shutdown
5.1
5.3
5.5
V
∆VOV4
Overvoltage Shutdown Hysteresis
0.3
V
Burst Mode is a registered trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com