Electronic Components Datasheet Search
  English  ▼

X  

LTC3586 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3586
Description  High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3586 Datasheet(HTML) 3 Page - Linear Technology

  LTC3586 Datasheet HTML 1Page - Linear Technology LTC3586 Datasheet HTML 2Page - Linear Technology LTC3586 Datasheet HTML 3Page - Linear Technology LTC3586 Datasheet HTML 4Page - Linear Technology LTC3586 Datasheet HTML 5Page - Linear Technology LTC3586 Datasheet HTML 6Page - Linear Technology LTC3586 Datasheet HTML 7Page - Linear Technology LTC3586 Datasheet HTML 8Page - Linear Technology LTC3586 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LTC3586/LTC3586-1

3586fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
hCLPROG (Note 4) Ratio of Measured VBUS Current to
CLPROG Program Current
1x Mode
5x Mode
10x Mode
Suspend Mode
224
1133
2140
9.3
mA/mA
mA/mA
mA/mA
mA/mA
IOUT(POWERPATH)
VOUT Current Available Before Loading
BAT
1x Mode, BAT = 3.3V
5x Mode, BAT = 3.3V
10x Mode, BAT = 3.3V
Suspend Mode
135
672
1251
0.32
mA
mA
mA
mA
VCLPROG
CLPROG Servo Voltage in Current Limit 1x, 5x, 10x Modes
Suspend Mode
1.188
100
V
mV
VUVLO_VBUS
VBUS Undervoltage Lockout
Rising Threshold
Falling Threshold
3.95
4.30
4.00
4.35
V
V
VUVLO_VBUS-BAT
VBUS to BAT Differential Undervoltage
Lockout
Rising Threshold
Falling Threshold
200
50
mV
mV
VOUT
VOUT Voltage
1x, 5x, 10x Modes, 0V < BAT < 4.2V,
IVOUT = 0mA, Battery Charger Off
3.5
BAT + 0.3
4.7
V
USB Suspend Mode, IVOUT = 250µA
4.5
4.6
4.7
V
fOSC
Switching Frequency
1.8
2.25
2.7
MHz
RPMOS_POWERPATH PMOS On-Resistance
0.18
Ω
RNMOS_POWERPATH NMOS On-Resistance
0.30
Ω
IPEAK_POWERPATH Peak Switch Current Limit (Note 5)
1x, 5x Modes
10x Mode
2
3
A
A
Battery Charger
VFLOAT
BAT Regulated Output Voltage
LTC3586
LTC3586
LTC3586-1
LTC3586-1
l
l
4.179
4.165
4.079
4.065
4.200
4.200
4.100
4.100
4.221
4.235
4.121
4.135
V
V
V
V
ICHG
Constant Current Mode Charge Current RPROG = 1k
RPROG = 5k
980
185
1022
204
1065
223
mA
mA
IBAT
Battery Drain Current
VBUS > VUVLO, IVOUT = 0µA
VBUS = 0V, IVOUT = 0µA (Ideal Diode Mode)
2
3.5
29
5
41
µA
µA
VPROG
PROG Pin Servo Voltage
1.000
V
VPROG_TRKL
PROG Pin Servo Voltage in Trickle
Charge
BAT < VTRKL
0.100
V
VC/10
C/10 Threshold Voltage at PROG
100
mV
hPROG
Ratio of IBAT to PROG Pin Current
1022
mA/mA
ITRKL
Trickle Charge Current
BAT < VTRKL
100
mA
VTRKL
Trickle Charge Threshold Voltage
BAT Rising
2.7
2.85
3.0
V
∆VTRKL
Trickle Charge Hysteresis Voltage
130
mV
VRECHRG
Recharge Battery Threshold Voltage
Threshold Voltage Relative to VFLOAT
–75
–100
–125
mV
tTERM
Safety Timer Termination
Timer Starts When BAT = VFLOAT
3.3
4
5
Hour
tBADBAT
Bad Battery Termination Time
BAT < VTRKL
0.42
0.5
0.63
Hour
hC/10
End-of-Charge Indication Current Ratio (Note 6)
0.088
0.1
0.112
mA/mA
VCHRG
CHRG Pin Output Low Voltage
ICHRG = 5mA
65
100
mV
ICHRG
CHRG Pin Leakage Current
VCHRG = 5V
1
µA
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBUS = 5V, BAT = 3.8V, VIN1 = VIN2 = VIN3 = VIN4 = VOUT3 = 3.8V,
VOUT4 = 5V, RPROG = 1k, RCLPROG = 3.01k, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com