Electronic Components Datasheet Search
  English  ▼

X  

LTC3586 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3586
Description  High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3586 Datasheet(HTML) 1 Page - Linear Technology

  LTC3586 Datasheet HTML 1Page - Linear Technology LTC3586 Datasheet HTML 2Page - Linear Technology LTC3586 Datasheet HTML 3Page - Linear Technology LTC3586 Datasheet HTML 4Page - Linear Technology LTC3586 Datasheet HTML 5Page - Linear Technology LTC3586 Datasheet HTML 6Page - Linear Technology LTC3586 Datasheet HTML 7Page - Linear Technology LTC3586 Datasheet HTML 8Page - Linear Technology LTC3586 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LTC3586/LTC3586-1

3586fb
Typical applicaTion
FeaTures
applicaTions
DescripTion
High Efficiency USB Power
Manager with Boost,
Buck-Boost and Dual Bucks
The LTC®3586/LTC3586-1 are highly integrated power
management and battery charger ICs for Li-Ion/Polymer
battery applications. They include a high efficiency cur-
rent limited switching PowerPath manager with automatic
load prioritization, battery charger, ideal diode, and four
synchronous switching regulators (two bucks, one buck-
boost and one boost). Designed specifically for USB
applications, the LTC3586/LTC3586-1’s switching power
manager automatically limits input current to a maximum
of either 100mA or 500mA for USB applications or 1A for
adapter-powered applications.
Unlike linear chargers, the LTC3586/LTC3586-1 switching
architecturetransmitsnearlyallofthepoweravailablefrom
the USB port to the load with minimal loss and heat which
eases thermal constraints in small places. The two buck
regulators can provide up to 400mA each, the buck-boost
can deliver 1A, and the boost delivers at least 800mA.
The LTC3586/LTC3586-1 are available in a low profile
(0.75mm) 38-pin 4mm
× 6mm QFN package.
High Efficiency PowerPath Manager, Dual Buck, Buck-Boost and Boost
Power Manager
n
High Efficiency Switching PowerPathTM Controller
with Bat-TrackTM Adaptive Output Control and
“Instant-On” Operation
n
Programmable USB or Wall Current Limit
(100mA/500mA/1A)
n
Full Featured Li-Ion/Polymer Battery Charger with
Float Voltage of 4.1V (LTC3586-1) or 4.2V (LTC3586)
with 1.5A Maximum Charge Current
n
Internal 180mΩ Ideal Diode Plus External Ideal Diode
Controller Powers Load in Battery Mode
n
<30µA No-Load Quiescent Current when Powered
from BAT
n
Dual High Efficiency Buck DC/DCs (400mA IOUT)
n
High Efficiency Buck-Boost DC/DC (1A IOUT)
n
High Efficiency Boost DC/DC (800mA IOUT)
n
Compact (4mm
× 6mm × 0.75mm) 38-Pin QFN
Package
n
Digital Still Cameras
n
HDD-Based MP3 Players, PDAs, GPS, PMPs
n
Other USB-Based Handheld Products
Li-Ion
FAULT
0.8V TO 3.6V/400mA
5V/800mA
3.3V/20mA
2.5V to 3.3V/1A
0.8V TO 3.6V/400mA
OPTIONAL
0V
T
TO OTHER
LOADS
+
LTC3586/LTC3586-1
DUAL HIGH EFFICIENCY
BUCKS
HIGH EFFICIENCY
BUCK-BOOST
HIGH EFFICIENCY
BOOST
ALWAYS ON LDO
MEMORY/
CORE µP
RTC/LOW
POWER LOGIC
I/O
SYSTEM
3586 TA01
USB/WALL
4.5V TO 5.5V
CHARGE
ILIM
USB COMPLIANT
STEP-DOWN
REGULATOR
CC/CV
BATTERY
CHARGER
MODE
EN
2
4
1
2
AUDIO/
MOTOR
4
3
CURRENT
CONTROL
BATTERY VOLTAGE (V)
2.8
0
200
3.2
3.6
3.8
100
700
400
500
600
300
3
3.4
4
4.2
3586 TA01b
BATTERY CHARGE CURRENT
500mA USB CURRENT LIMIT
EXTRA CURRENT
FOR FASTER CHARGING
VBUS = 5V
5x MODE
BATTERY CHARGER PROGRAMMED FOR 1A
Battery Charge Current vs
Battery Voltage (LTC3586)
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
PowerPath and Bat-Track are trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 6522118, 6404251.


Similar Part No. - LTC3586

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3586 LINER-LTC3586 Datasheet
315Kb / 36P
High Effi ciency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3586 LINER-LTC3586 Datasheet
570Kb / 50P
8-Output Regulator with Sequencing and I2C
LTC3586 LINER-LTC3586 Datasheet
427Kb / 38P
7-Channel Confi gurable High Power PMIC
LTC3586 LINER-LTC3586 Datasheet
517Kb / 38P
Power Management Solution for Application Processors
logo
Analog Devices
LTC3586 AD-LTC3586 Datasheet
1Mb / 30P
Multioutput Power Management Solution with Four Buck Switching and Three LDO Linear Regulators with I2C
09/21-REV.A
More results

Similar Description - LTC3586

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3556 LINER-LTC3556 Datasheet
346Kb / 36P
High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3566 LINER-LTC3566 Datasheet
262Kb / 28P
High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter
LTC3567 LINER-LTC3567 Datasheet
273Kb / 28P
High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter with I2C Control
LTC3586 LINER-LTC3586 Datasheet
315Kb / 36P
High Effi ciency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3566 LINER-LTC3566_15 Datasheet
282Kb / 28P
High Efficiency USB Power Manager Plus 1A Buck-Boost Converter
LTC3566-2 LINER-LTC3566-2_15 Datasheet
282Kb / 28P
High Efficiency USB Power Manager Plus 1A Buck-Boost Converter
LTC3556 LINER-LTC3556_15 Datasheet
346Kb / 36P
High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3567 LINER-LTC3567_15 Datasheet
281Kb / 28P
High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter with I2C Control
LTC3586-1 LINER-LTC3586-1_15 Datasheet
454Kb / 36P
High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3586-3 LINER-LTC3586-3_15 Datasheet
699Kb / 36P
High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com