Electronic Components Datasheet Search
  English  ▼

X  

LTC3586 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3586
Description  High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3586 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3586 Datasheet HTML 10Page - Linear Technology LTC3586 Datasheet HTML 11Page - Linear Technology LTC3586 Datasheet HTML 12Page - Linear Technology LTC3586 Datasheet HTML 13Page - Linear Technology LTC3586 Datasheet HTML 14Page - Linear Technology LTC3586 Datasheet HTML 15Page - Linear Technology LTC3586 Datasheet HTML 16Page - Linear Technology LTC3586 Datasheet HTML 17Page - Linear Technology LTC3586 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
LTC3586/LTC3586-1

3586fb
operaTion
Introduction
The LTC3586/LTC3586-1 are highly integrated power
management ICs which include a high efficiency switch
mode PowerPath controller, a battery charger, an ideal
diode, an always-on LDO, two 400mA buck switching
regulators, a 1A buck-boost switching regulator, and an
800mA boost switching regulator. All of the regulators can
be independently controlled via ENABLE pins.
Designed specifically for USB applications, the PowerPath
controller incorporates a precision average input current
buck switching regulator to make maximum use of the
allowable USB power. Because power is conserved, the
LTC3586/LTC3586-1 allow the load current on VOUT to
exceed the current drawn by the USB port without exceed-
ing the USB load specifications.
The PowerPath switching regulator and battery charger
communicatetoensurethattheinputcurrentneverviolates
the USB specifications.
The ideal diode from BAT to VOUT guarantees that ample
powerisalwaysavailabletoVOUTevenifthereisinsufficient
or absent power at VBUS.
An always-on LDO provides a regulated 3.3V from avail-
able power at VOUT. Drawing very little quiescent current,
this LDO will be on at all times and can be used to supply
up to 20mA.
Along with constant frequency PWM mode, the buck and
the buck-boost switching regulators have a low power
burst mode setting for significantly reduced quiescent
current under light load conditions.
High Efficiency Switching PowerPath Controller
Whenever VBUS is available and the PowerPath switch-
ing regulator is enabled, power is delivered from VBUS to
VOUT via SW. VOUT drives the combination of the external
load (including switching regulators 1, 2, 3 and 4) and
the battery charger.
If the combined load does not exceed the PowerPath
switchingregulator’sprogrammedinputcurrentlimit,VOUT
will track 0.3V above the battery (Bat-Track). By keeping
the voltage across the battery charger low, efficiency is
optimized because power lost to the linear battery char-
ger is minimized. Power available to the external load is
therefore optimized.
If the combined load at VOUT is large enough to cause the
switching PowerPath supply to reach the programmed
input current limit, the battery charger will reduce its
charge current by that amount necessary to enable the
external load to be satisfied. Even if the battery charge
current is set to exceedthe allowable USB current, the USB
specification will not be violated. The PowerPath switch-
ing regulator will limit the average input current so that
the USB specification is never violated. Furthermore, load
current at VOUT will always be prioritized and only excess
available power will be used to charge the battery.
If the voltage at BAT is below 3.3V, or the battery is not
present, and the load requirement does not cause the
PowerPath switching regulator to exceed the USB
specification, VOUT will regulate at 3.6V, as shown in
Figure 1. This “instant-on” feature will allow a portable
product to run immediately when power is applied without
waiting for the battery to charge. If the load exceeds the
current limit at VBUS, VOUTwill range between the no-load
voltage and slightly below the battery voltage, indicated
by the shaded region of Figure 1.
For very low-battery voltages, the battery charger acts like
a load and, due to limited input power, its current will tend
topullVOUTbelowthe3.6V“instant-on”voltage.Toprevent
VOUT from falling below this level, an undervoltage circuit
automatically detects that VOUT is falling and reduces the
battery charge as needed. This reduction ensures that load
current and output voltages are always priortized while
allowing as much battery charge current as possible. See
Over-Programming the Battery Charger in Applications
Information Section.
The power delivered from VBUS to VOUT is controlled by a
2.25MHz constant-frequency buck switching regulator. To
meet the USB maximum load specification, the switching
regulator includes a control loop which ensures that the
average input current is below the level programmed at
CLPROG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com