Electronic Components Datasheet Search
  English  ▼

X  

RF5325 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF5325
Description  3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5325 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF5325 Datasheet HTML 4Page - RF Micro Devices RF5325 Datasheet HTML 5Page - RF Micro Devices RF5325 Datasheet HTML 6Page - RF Micro Devices RF5325 Datasheet HTML 7Page - RF Micro Devices RF5325 Datasheet HTML 8Page - RF Micro Devices RF5325 Datasheet HTML 9Page - RF Micro Devices RF5325 Datasheet HTML 10Page - RF Micro Devices RF5325 Datasheet HTML 11Page - RF Micro Devices RF5325 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11 of 12
RF5325
DS110618
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF5325 Performance Graphs
RF5325 EVM and GAIN vs. TEMPERATURE and POWER
(VCC=3.3v, Vreg=2.85v, 64QAM 54Mbps, FREQ=2.45GHz, 10% Duty Cycle)
0
2
4
6
8
10
12
14
16
18
12
3456789
10
11
12
13
14
15
16
17
18
19
20
21
22
OUPUT POWER (dBm)
16
18
20
22
24
26
28
30
32
34
EVM ( - 15C )
EVM ( + 25C )
EVM ( + 65C )
GAIN ( - 15C )
GAIN ( + 25C )
GAIN (+65C)
RF5325 EVM and GAIN vs. SUPPLY VOLTAGE and POWER
(Vreg=2.85v, 64QAM 54Mbps, FREQ=2.45GHz, 10%Duty Cycle, Temp=25C)
0
2
4
6
8
10
12
14
16
18
12
3456789
10
11
12
13
14
15
16
17
18
19
20
21
22
OUPUT POWER (dBm)
16
18
20
22
24
26
28
30
32
34
EVM (3.0V)
EVM (3.3V)
EVM (4.5V)
GAIN (3.0V)
GAIN (3.3V)
GAIN (4.5V)
RF5325 ICC vs. TEMPERATURE and POWER
(VCC=3.3v, Vreg=2.85v, 64QAM 54Mbps, Freq=2450MHz, 10% Duty Cycle)
70
90
110
130
150
170
190
1
2
3
4
5
6
7
8
9
101112
131415161718
19202122
OUPUT POWER (dBm)
TEMP = -15C
TEMP = +25C
TEMP = +65C
RF5325 ICC vs. FREQUENCY and POWER
(VCC=3.3v, Vreg=2.85v, 64QAM 54Mbps, TEMP=25C, 10% Duty Cycle)
70
90
110
130
150
170
190
1
2
3
4
5
6
7
8
9
101112
131415161718
19202122
OUPUT POWER (dBm)
FREQ = 2.4GHz
FREQ = 2.45GHz
FREQ = 2.5GHz
RF5325 ICC vs. SUPPLY VOLTAGE and POWER
(Vreg=2.85v, 64QAM 54Mbps, FREQ=2.45GHz, TEMP=25C, 10% Duty Cycle)
70
90
110
130
150
170
190
1
2
3
4
5
6
7
8
9
101112
131415161718
19202122
OUPUT POWER (dBm)
VCC = 3.0V
VCC = 3.3V
VCC = 4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com