Electronic Components Datasheet Search
  English  ▼

X  

RF5325 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5325
Description  3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5325 Datasheet(HTML) 3 Page - RF Micro Devices

  RF5325 Datasheet HTML 1Page - RF Micro Devices RF5325 Datasheet HTML 2Page - RF Micro Devices RF5325 Datasheet HTML 3Page - RF Micro Devices RF5325 Datasheet HTML 4Page - RF Micro Devices RF5325 Datasheet HTML 5Page - RF Micro Devices RF5325 Datasheet HTML 6Page - RF Micro Devices RF5325 Datasheet HTML 7Page - RF Micro Devices RF5325 Datasheet HTML 8Page - RF Micro Devices RF5325 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3 of 12
RF5325
DS110618
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2.4GHz Transmit Parameters,
cont’d
Current Consumption
ICC
130
160
mA
VCC=3.3V, VREG=2.85V, RF POUT=17dBm,
11g, 50
160
200
mA
VCC=3.3V, VREG=2.85V, RF POUT=20.5dBm,
11b, 50
Idle
110
mA
VCC=3.3V, VREG=2.85V, and RF=OFF
IREG
25
mA
VREG=2.85V Typical
Leakage
5
10
AVREG<0.2V
Power Supply
3.0
3.3
4.5
V
VREG
2.75
2.85
2.95
V
PA On
0.2
V
PA Off
Input/Output Impedance
50
Ruggedness
No damage
Output VSWR
10:1
Maximum: operating voltage, input power, tem-
perature
Stability
Output VSWR
5:1
Harmonics
RBW=1MHz. Measured at 1Mbps.
Second
-33
-27
dBm
11b CCK BW=1MHz, POUT=20.5dBm,
4.80GHz to 5.00GHz
Third
-43
-40
dBm
11b CCK BW=1MHz, POUT=20.5dBm,
7.20GHz to 7.50GHz
Second
-33
-30
dBm
11g 6Mbps. OFDM, POUT=17dBm, 4.80GHz to
5.00GHz
Third
-48
-45
dBm
11g 6Mbps. OFDM, POUT=17dBm, 7.20GHz to
7.50GHz
Turn-On/Off Time
1.0
S
Output stable to within 90% of final gain
Antenna Port Impedance
Antenna port is a DC short to ground
Input
50
Receive
Output
50
Transmit
Switch Control Voltage
Low
0
0.2
V
High
2.70
4.50
V
Switch Control Current
10
A
Per control line
Switch Control Speed
100
nsec
ESD
Human Body Model
TBD
V
EIA/JESD22-114A
Machine Model
TBD
V
EIA/JESD22-115A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com