Electronic Components Datasheet Search
  English  ▼

X  

RF5325 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5325
Description  3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5325 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5325 Datasheet HTML 1Page - RF Micro Devices RF5325 Datasheet HTML 2Page - RF Micro Devices RF5325 Datasheet HTML 3Page - RF Micro Devices RF5325 Datasheet HTML 4Page - RF Micro Devices RF5325 Datasheet HTML 5Page - RF Micro Devices RF5325 Datasheet HTML 6Page - RF Micro Devices RF5325 Datasheet HTML 7Page - RF Micro Devices RF5325 Datasheet HTML 8Page - RF Micro Devices RF5325 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2 of 12
RF5325
DS110618
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
5.0
V
DC Supply Current
240
mA
Full Specification Temp Range (Full
Spec. Compliant)
-15 to +75
°C
Extreme Operating
(Reduced Performance)
+75 to +85
-30 to -15
°C
Storage Temperature
-40 to +150
°C
Antenna Port Nominal
Impedance
50
Maximum TX Input Power
for 11b/g (No Damage)
+5
dBm
Moisture Sensitivity
MSL2
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2.4GHz Transmit Parameters
Compliance
IEEE802.11b, IEEE802.11g/n,
FCC CFG 15.247, .205, .209
Conditions
Specifications met across VCC, VREG, and Tem-
perature unless noted otherwise.
Frequency
2.4
2.5
GHz
Output Power
11g
17
dBm
VCC>3.3V, 54Mbps, OFDM, 64QAM meeting
EVM requirement
11b
20.5
dBm
VCC>3.3V, Measured at 1Mbps meeting
ACP1/ACP2 requirements
EVM*
3.0
4.0
%
POUT(g)=17dBm, 54Mbps OFDM VCC>3.3V,
50
Adjacent Channel Power
ACP1
-38
-32
dBc
POUT=20.5dBm, IEEE802.11b, 1Mbps CCK
modulation
ACP2
-56
-52
dBc
POUT=20.5dBm, IEEE802.11b, 1Mbps CCK
modulation
Gain
25
27
dB
Gain Variation
VCC (instantaneous)
0.7
dB/V
VCC range: 3.0V to 4.5V
Frequency
-0.5
+0.5
dB
2.4GHz to 2.5GHz
Power Detect
Voltage Detect
0.1
1.4
V
Over POUT range 0dBm to 23dBm
Input Resistance
10
k
Input Capacitance
5
pF
Sensitivity
POUT>10dBm
25
mV/dB
0<POUT<10dBm
8
mV/dB
*The EVM specification is obtained with a signal generator that has an EVM level <0.7%.
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com