Electronic Components Datasheet Search
  English  ▼

X  

RF5325 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF5325
Description  3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5325 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF5325 Datasheet HTML 4Page - RF Micro Devices RF5325 Datasheet HTML 5Page - RF Micro Devices RF5325 Datasheet HTML 6Page - RF Micro Devices RF5325 Datasheet HTML 7Page - RF Micro Devices RF5325 Datasheet HTML 8Page - RF Micro Devices RF5325 Datasheet HTML 9Page - RF Micro Devices RF5325 Datasheet HTML 10Page - RF Micro Devices RF5325 Datasheet HTML 11Page - RF Micro Devices RF5325 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8 of 12
RF5325
DS110618
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Theory of Operation
The RF5325 provides an integrated solution for WiFi 802.11 b/g/n and Bluetooth® systems. This single package Front End
Module (FEM) solution integrates the Power Amplifier (PA), Power Detector Coupler, and harmonic filtering for the transmit side.
The integrated SP3T switch is capable of simultaneous operation in WiFi and Bluetooth® receive modes by setting two of the
switch branches to a logic control "high."
The integrated harmonic filtering and matching of the RF5325 facilitates deployment on the customer's board by offering 50
interface at all RF ports. For best results, the board layout from the evaluation board should be copied as closely as possible in
particular the ground configuration underneath the FEM and around the RF traces and decoupling capacitors. There is an indi-
cator pin labeled P1 ID that should be left as a no-connect on the PCB. This pin is directly connected to the ground pad of the
IC. For best performance it is recommended that voltage and RF lines do not cross under this pin. Gerber files of RFMD PCBA
designs can be provided upon request.
The RF5325 FEM can be connected directly to the battery without additional voltage regulators. This FEM requires a single
positive supply voltage (VCC), positive current control bias (VREG) supply, and a positive supply for switch controls.
WiFi Transmit Path
The RF5325 has a typical gain of 28dB from 2.4GHz to 2.5GHz, and delivers 18dBm typical output power under 54Mbps
OFDM modulation and 20dBm under 1Mbps 11b modulation. The operating voltage range to meet full specifications is from
3.0V to 4.5V. Current control optimization for the 802.11b/g/n systems is provided through one bias control input pin (VREG).
The VREG pin requires a regulated supply to maintain nominal bias current and a minimum voltage of 2.75V.
Out of Band Rejection
The RF5325 contains basic filtering components to produce bandpass responses for the transmit path. Due to space con-
straints inside the module, filtering is limited to a few resonant poles. Additional filters may need to be added outside the mod-
ule depending upon the end-user's application.
WiFi and Bluetooth® Receive Paths
The 802.11b/g/n and Bluetooth® paths are designed to interface in a 50
 impedance environment to minimize insertion
loss. The single-ended ports provide a nominal insertion loss of 0.5dB and a VSWR of 2:1. The RF5325 is designed so that the
SP3T switch allows for simultaneous operation of WiFi and Bluetooth® receive signals (refer to switch control table settings). In
this configuration, the SP3T switch acts as a 3dB splitter adding approximately 3dB of loss to each of the receive paths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com