Electronic Components Datasheet Search
  English  ▼

X  

RF5325 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF5325
Description  3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5325 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF5325 Datasheet HTML 4Page - RF Micro Devices RF5325 Datasheet HTML 5Page - RF Micro Devices RF5325 Datasheet HTML 6Page - RF Micro Devices RF5325 Datasheet HTML 7Page - RF Micro Devices RF5325 Datasheet HTML 8Page - RF Micro Devices RF5325 Datasheet HTML 9Page - RF Micro Devices RF5325 Datasheet HTML 10Page - RF Micro Devices RF5325 Datasheet HTML 11Page - RF Micro Devices RF5325 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12 of 12
RF5325
DS110618
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF5325 POWER DETECTOR VOLTAGE vs. TEMPERATURE and POWER
(VCC=3.3v, Vreg=2.85v, 64QAM 54Mbps, Freq=2450MHz, 10% Duty Cycle)
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
OUPUT POWER (dBm)
TEMP = -15C
TEMP = +25C
TEMP = +65C
RF5325 POWER DETECTOR VOLTAGE vs. FREQUENCY and POWER
(VCC=3.3v, Vreg=2.85v, 64QAM 54Mbps, TEMP=25C, 10% Duty Cycle)
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
OUPUT POWER (dBm)
FREQ = 2.4GHz
FREQ = 2.45GHz
FREQ = 2.5GHz
RF5325 POWER DETECTOR VOLTAGE vs. SUPPLY VOLTAGE and POWER
(Vreg=2.85v, 64QAM 54Mbps, FREQ=2.45GHz, TEMP=25C, 10% Duty Cycle)
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
OUPUT POWER (dBm)
VCC = 3.0V
VCC = 3.3V
VCC = 4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com