Electronic Components Datasheet Search
  English  ▼

X  

RF5325 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5325
Description  3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5325 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5325 Datasheet HTML 1Page - RF Micro Devices RF5325 Datasheet HTML 2Page - RF Micro Devices RF5325 Datasheet HTML 3Page - RF Micro Devices RF5325 Datasheet HTML 4Page - RF Micro Devices RF5325 Datasheet HTML 5Page - RF Micro Devices RF5325 Datasheet HTML 6Page - RF Micro Devices RF5325 Datasheet HTML 7Page - RF Micro Devices RF5325 Datasheet HTML 8Page - RF Micro Devices RF5325 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 of 12
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
RX OUT
GND
TX IN
VREG
VCC
GND
ANT
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SP3T
2F0 Filter
PDETECT
COUPLER
RF5325
3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END
MODULE
The RF5325 provides an integrated solution in a single Front End Module
(FEM) for WiFi 802.11b/g/n and Bluetooth® systems. The ultra small form
factor and integrated matching greatly reduces the number of external
components and layout area in the customer application. This simplifies
the total front end solution by reducing the bill of materials, system foot-
print, and manufacturability cost. The integrated SP3T switch of the
RF5325 is capable of receiving WiFi and Bluetooth® simultaneously. The
device is provided in a 3.0mmx3.0mmx0.5mm, 16-pin package. This
module meets or exceeds the RF front end needs of IEEE802.11b/g/n
WiFi RF systems.
Features
Integrated 2.5GHz b/g/n
Amplifier, SP3T Switch, Power
Detector Coupler
Single Supply Voltage 3.0V to
4.5V
POUT=18dBm, 11g, OFDM @
<4% EVM, 20dBm 11b Meet-
ing 11b Spectral Mask
Applications
IEEE802.11b/g/n WiFi Solu-
tions
2.5GHz ISM Band Solutions
Portable Battery-Powered
Equipment
RF5325SQ
Standard 25 piece bag
RF5325SR
Standard 100 piece reel
RF5325TR7
Standard 2500 piece reel
RF5325PCK-410
Fully assembled evaluation board tuned for 2.4GHz to
2.5GHz and 5 loose samples
DS110618
Package Style: QFN, 16-pin, 3.0mmx3.0mmx0.5mm


Similar Part No. - RF5325

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5322 RFMD-RF5322 Datasheet
691Kb / 12P
3V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5322PCK-410 RFMD-RF5322PCK-410 Datasheet
691Kb / 12P
3V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5322SR RFMD-RF5322SR Datasheet
691Kb / 12P
3V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5322TR7 RFMD-RF5322TR7 Datasheet
691Kb / 12P
3V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5325

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5345 RFMD-RF5345 Datasheet
597Kb / 20P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5365 RFMD-RF5365 Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5565 RFMD-RF5565 Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5765 RFMD-RF5765 Datasheet
1Mb / 14P
2.4GHz to 2.5GHz 802.11b/g/n WiFi FRONT-END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com