Electronic Components Datasheet Search
  English  ▼

X  

RF5602 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF5602
Description  3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5602 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF5602 Datasheet HTML 8Page - RF Micro Devices RF5602 Datasheet HTML 9Page - RF Micro Devices RF5602 Datasheet HTML 10Page - RF Micro Devices RF5602 Datasheet HTML 11Page - RF Micro Devices RF5602 Datasheet HTML 12Page - RF Micro Devices RF5602 Datasheet HTML 13Page - RF Micro Devices RF5602 Datasheet HTML 14Page - RF Micro Devices RF5602 Datasheet HTML 15Page - RF Micro Devices RF5602 Datasheet HTML 16Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
12 of 27
RF5602
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
PCB Stencil Pattern
Note: Thermal vias for center slug “C” should be incoporated into the PCB design. The number and size of thermal vias will
depend on the application. Example of the number and size of vias can be found on the RFMD evaluation board layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com