Electronic Components Datasheet Search
  English  ▼

X  

RF5602 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF5602
Description  3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5602 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF5602 Datasheet HTML 3Page - RF Micro Devices RF5602 Datasheet HTML 4Page - RF Micro Devices RF5602 Datasheet HTML 5Page - RF Micro Devices RF5602 Datasheet HTML 6Page - RF Micro Devices RF5602 Datasheet HTML 7Page - RF Micro Devices RF5602 Datasheet HTML 8Page - RF Micro Devices RF5602 Datasheet HTML 9Page - RF Micro Devices RF5602 Datasheet HTML 10Page - RF Micro Devices RF5602 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7 of 27
RF5602
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin
Function
Description
1BIAS VCC
Supply voltage for the bias reference and control circuits. May be connected with VCC1 and VCC2 as long as VCC
does not exceed 5.0VDC in this configuration.
2RF IN
RF input.
3PDOWN
Power down pin. Apply <0.6VDC to power down the three power amplifier stages. Apply 1.75VDC to 5.0VDC to
power up. If function is not desired, pin may be connected to VREG.
4VREG1
First stage input bias voltage. This pin requires a regulated supply to maintain nominal bias current.
5VREG2
Second stage input bias voltage. This pin requires a regulated supply to maintain nominal bias current.
6VREG3
Third stage input bias voltage. This pin requires a regulated supply to maintain nominal bias current.
7NC
Not connected. May be connected to ground.
8
P DETECT
Power detector provides an output voltage proportional to the RF output power level.
9NC
Not connected. May be connected to ground.
10
VCC3/
RF OUT
RF output and bias for the output stage. Output is externally matched to 50
 and needs DC block.
11
VCC3/
RF OUT
Same as pin 10.
12
VCC3/
RF OUT
Same as pin 10.
13
VCC2
Second stage supply voltage.
14
VCC2
Same as pin 13.
15
NC
Not connected. May be connected to ground.
16
VCC1
First stage supply voltage.
Pkg
Base
GND
Ground connection. The back side of the package should be connected to the ground plane through as short a
connection as possible, e.g., PCB vias under the device are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com