Electronic Components Datasheet Search
  English  ▼

X  

RF5602 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF5602
Description  3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5602 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF5602 Datasheet HTML 2Page - RF Micro Devices RF5602 Datasheet HTML 3Page - RF Micro Devices RF5602 Datasheet HTML 4Page - RF Micro Devices RF5602 Datasheet HTML 5Page - RF Micro Devices RF5602 Datasheet HTML 6Page - RF Micro Devices RF5602 Datasheet HTML 7Page - RF Micro Devices RF5602 Datasheet HTML 8Page - RF Micro Devices RF5602 Datasheet HTML 9Page - RF Micro Devices RF5602 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6 of 27
RF5602
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Power Supply
Operating Voltage
3 to 5
V
Current Consumption
410
600
mA
RF POUT = +26dBm and VCC = 5.0V (Over VREG and fre-
quency)
175
225
mA
Idle Current, No RF and VCC = 5.0V (Over VREG and fre-
quency)
400
475
mA
RF POUT = +25dBm and VCC = 4.2V (Over VREG and fre-
quency)
160
210
mA
Idle Current, No RF and VCC = 4.2V (Over VREG and fre-
quency)
350
400
mA
RF POUT = +23.5dBm and VCC = 3.3V (Over VREG and fre-
quency)
150
180
mA
Idle Current, No RF and VCC = 3.3V (Over VREG and fre-
quency)
Power Down Current
10
mA
PDOWN = Low, VREG = High (ICC + IBIAS + IREG)
Leakage Current
0.2
1
mA
VREG = PDOWN = 0V, VCC = 3.3V, RF = OFF (ICC + IBIAS +
IREG)
VREG Voltage (at Eval Board VREG
pin)
2.8
2.9
3
VDC
Higher VREG voltage is possible but with adjusting the
series resistors to keep the voltage constant at VREG pin
of the Eval board at R1, R2 and R3
5
10
mA
I_REG Current
Thermal Data
Maximum Junction Temperature for
long term reliability, Tj Max
150
°C
POUT = 26dBm, Using a standard IEEE802.11g wave-
form, 54Mbps, 64QAM Duty Cycle = 100%, VCC = 5VDc,
VREG = 2.85VDc. TREF = 85°C
Thermal Resistance,
jc
22
°C/W
POUT = 26dBm, Using a standard IEEE802.11g wave-
form, 54Mbps, 64QAM Duty Cycle = 100%, VCC = 5VDc,
VREG = 2.85VDc, Junction to bottom of QFN package.
TREF = 85°C
Thermal Resistance,
j-Ref
28
°C/W
POUT = 26dBm, Using a standard IEEE802.11g wave-
form, 54Mbps, 64QAM Duty Cycle = 100%, VCC = 5VDc,
VREG = 2.85VDc, Junction to bottom of PCB. TREF = 85°C
ESD
Human Body Model
500
V
Charge Device Model
750
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com