Electronic Components Datasheet Search
  English  ▼

X  

RF5602 Datasheet(PDF) 20 Page - RF Micro Devices

Part # RF5602
Description  3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5602 Datasheet(HTML) 20 Page - RF Micro Devices

Back Button RF5602 Datasheet HTML 16Page - RF Micro Devices RF5602 Datasheet HTML 17Page - RF Micro Devices RF5602 Datasheet HTML 18Page - RF Micro Devices RF5602 Datasheet HTML 19Page - RF Micro Devices RF5602 Datasheet HTML 20Page - RF Micro Devices RF5602 Datasheet HTML 21Page - RF Micro Devices RF5602 Datasheet HTML 22Page - RF Micro Devices RF5602 Datasheet HTML 23Page - RF Micro Devices RF5602 Datasheet HTML 24Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
20 of 27
RF5602
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
25
26
27
28
29
30
31
32
33
34
35
0
1
2
3
4
5
6
7
8
8
10
12
14
1618
2022
2426
2830
32
Gain
(dB)
EVM
(%)
P
OUT (dBm)
Typcial WiFi EVM and Gain versus P
OUT
2.4GHz to 2.5GHz Tune at V
CC= 5.0V
5V - 2.4GHz
5V - 2.45GHz
5V - 2.5GHz
5V - 2.4GHz
5V - 2.45GHz
5V - 2.5GHz
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
10
12
14
16
18
20
22
24
26
28
30
32
I
CC
(A)
P
OUT (dBm)
Typical
:L)L I
CC versus POUT
2.4GHz to 2.5GHz Tune at V
CC = 5.0 V
5V 2.5GHz
5V 2.45GHz
5V 2.4GHz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
10
12
14
16
18
20
22
24
26
28
30
32
PDET
(V)
P
OUT (dBm)
Typical
:L)L PDET versus P
OUT
2.4GHz to 2.5 GHz Tune at V
CC= 5.0V
5V 2.45GHz
5V 2.4GHz
5V 2.5GHz
27
28
29
30
31
32
33
34
35
36
37
0
1
2
3
4
5
6
7
8
8
10
12
14
1618
2022
2426
2830
32
Gain
(dB)
EVM
(%)
P
OUT (dBm)
W
L)L EVM and Gain versus P
OUT
2.45GHz over temperature at V
CC = 5.0 V
5V -40C
5V +25C
5V +85C
5V -40C
5V +25C
5V +85C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
10
12
14
16
18
20
22
24
26
28
30
32
I
CC
(A)
P
OUT (dBm)
Typical
:L)L I
CC versus POUT
2.45GHz over temperature at V
CC= 5.0 V
5V +25C
5V +85C
5V -40C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
10
12
14
16
18
20
22
24
26
28
30
32
PDET
(V)
P
OUT (dBm)
Typical
:L)L PDET versus P
OUT
2.45 GHz over temperature at V
CC = 5.0 V
5V +25C
5V -40C
5V +85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com