Electronic Components Datasheet Search
  English  ▼

X  

RF5602 Datasheet(PDF) 16 Page - RF Micro Devices

Part # RF5602
Description  3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5602 Datasheet(HTML) 16 Page - RF Micro Devices

Back Button RF5602 Datasheet HTML 12Page - RF Micro Devices RF5602 Datasheet HTML 13Page - RF Micro Devices RF5602 Datasheet HTML 14Page - RF Micro Devices RF5602 Datasheet HTML 15Page - RF Micro Devices RF5602 Datasheet HTML 16Page - RF Micro Devices RF5602 Datasheet HTML 17Page - RF Micro Devices RF5602 Datasheet HTML 18Page - RF Micro Devices RF5602 Datasheet HTML 19Page - RF Micro Devices RF5602 Datasheet HTML 20Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
16 of 27
RF5602
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
WiMAX 2.5GHz to 2.7GHz Operation
15
14
13
12
11
10
4
3
2
1
16
9
8
7
6
5
50
 strip
J1
RF IN
R1
430
R3
56
C19
2 pF
C9
2 pF
38
 Strip
24 mils
from PA
package edge
to center of C19
J2
RF OUT
L6
3.9 nH
C16
1
F
C1
1000 pF
C13
3.9 pF
C11
1 uF
VREG
L3
3.0 nH
C8
1 pF
PDOWN
R2
75
L5
1.8 nH
50
 strip
C17
10 uF
R4
Voltage
R4 Value in Ohms
5.0
91
3.3 to 4.2
0
38
 Strip
122 mils long
from center of
C19 to center
of C8
PDET
C7
330 pF
C2
1 nF
Notes:
1. For 4.2 V < VCC < 5.0 V, adjust R4
so that VCC 1 pin 16 voltage is 3.3 V
2. C19, C8 and C9 are RF output
matching Cap, that might need fine
tune for best performance on PCB
with materials different to that of
RFMD Eval board
38
 Strip
135 mils long from
center of C8 to
center of the inner
pad of C9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com