Electronic Components Datasheet Search
  English  ▼

X  

RF5602 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5602
Description  3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5602 Datasheet(HTML) 4 Page - RF Micro Devices

  RF5602 Datasheet HTML 1Page - RF Micro Devices RF5602 Datasheet HTML 2Page - RF Micro Devices RF5602 Datasheet HTML 3Page - RF Micro Devices RF5602 Datasheet HTML 4Page - RF Micro Devices RF5602 Datasheet HTML 5Page - RF Micro Devices RF5602 Datasheet HTML 6Page - RF Micro Devices RF5602 Datasheet HTML 7Page - RF Micro Devices RF5602 Datasheet HTML 8Page - RF Micro Devices RF5602 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4 of 27
RF5602
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
WiMax IEEE 802.16e
Nominal Condition T = 25°C, VCC = 3.3V, 4.2V, 5V, VREG
= 2.9V, Freq = 2600MHz, Duty Cycle 1 to 100% unless
otherwise noted
Frequency Range
2500
2700
MHz
Compliance
IEEE 802.16e
Output Power
26
26.5
dBm
Measured standard IEEE 802.16e waveform (16QAM,
10MHz BW), VCC = 5.0V
EVM
2.5
3
%
RMS, Mean
Output Power
25
25.5
dBm
Measured standard IEEE 802.16e waveform (16QAM,
10MHz BW), VCC = 4.2V
EVM
2
3.0
%
RMS, Mean
Output Power
23.5
24
dBm
Measured standard IEEE 802.16e waveform (16QAM,
10MHz BW), VCC = 3.3V
EVM
3
4
%
RMS, Mean
Gain
31
32
dB
At nominal condition and VCC = 5.0V (Over VREG and fre-
quency)
31
32
dB
At nominal condition and VCC = 4.2V (Over VREG and fre-
quency)
31
32
dB
At nominal condition and VCC = 3.3V (Over VREG and fre-
quency)
Gain variation over temperature
-2
2
dB
-40°C to +85°C
Power Detector
+10
+29
dB
Power detector usable range
Low Gain Mode (Gain Reduction)
33
dB
At VCC = 5.0V, VREG 1 and 3 = 2.9V,
VREG 2 = Low, and Temp = 25°C (In this mode, the gain
of the power amplifier drops by 33dB typical from its orig-
inal gain)
Input Impedance
50
Input matched to 50
Output P1dB
33
dBm
At nominal conditions with CW Signal and VCC = 5.0V
32
dBm
At nominal conditions with CW Signal and VCC = 4.2V
30.5
dBm
At nominal conditions with CW Signal and VCC = 3.3V
Power Down
PA is “OFF”
0.6
VCC
PA is “ON”
1.75
2.9
5.0
VDC
Power Supply
Operating Voltage
3 to 5
V
Current Consumption
500
600
mA
RF POUT = +26dBm and VCC = 5.0V (Over VREG and fre-
quency)
175
225
mA
Idle current, No RF and VCC = 5.0V (Over VREG and fre-
quency)
400
475
mA
RF POUT = +25dBm and VCC = 4.2V (Over VREG and fre-
quency)
160
210
mA
Idle current, No RF and VCC = 4.2V (Over VREG and fre-
quency)
350
400
mA
RF POUT = +23.5dBm and VCC = 3.3V (Over VREG and fre-
quency)
150
180
mA
Idle current, No RF and VCC = 3.3V (Over VREG and fre-
quency)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com