Electronic Components Datasheet Search
  English  ▼

X  

RF5725 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF5725
Description  2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5725 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF5725 Datasheet HTML 3Page - RF Micro Devices RF5725 Datasheet HTML 4Page - RF Micro Devices RF5725 Datasheet HTML 5Page - RF Micro Devices RF5725 Datasheet HTML 6Page - RF Micro Devices RF5725 Datasheet HTML 7Page - RF Micro Devices RF5725 Datasheet HTML 8Page - RF Micro Devices RF5725 Datasheet HTML 9Page - RF Micro Devices RF5725 Datasheet HTML 10Page - RF Micro Devices RF5725 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11 of 11
RF5725
DS120214
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF5725 Plots
10
15
20
25
30
35
40
123456789 10 11 12 13 14 15 16 17 18 19
Output Power (dBm)
Gain versus Output Power
VCC = 3.3V Vreg = 2.85V
Temperature = 25C
2400 MHz
2450 MHz
2500 MHz
0.05000
0.07000
0.09000
0.11000
0.13000
0.15000
0.17000
0.19000
0.21000
123456789 10 11 12 13 14 15 16 17 18 19
Output Power (dBm)
Operang Current versus Output Power
VCC = 3.3V Vreg = 2.85V
Temperature = 25C
2400 MHz
2450 MHz
2500 MHz
0
1
2
3
4
5
6
7
8
123456789 10 11 12 13 14 15 16 17 18 19
Output Power (dBm)
EVM versus Output Power
VCC = 3.3V Vreg = 2.85V
Temperature = 25C
2400 MHz
2450 MHz
2500 MHz
0.00000
0.20000
0.40000
0.60000
0.80000
1.00000
1.20000
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19
Output Power (dBm)
Power Detector versus Output Power
VCC = 3.3V Vreg = 2.85V
Temperature = 25C
2400 MHz
2450 MHz
2500 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com