Electronic Components Datasheet Search
  English  ▼

X  

RF5725 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF5725
Description  2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5725 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF5725 Datasheet HTML 3Page - RF Micro Devices RF5725 Datasheet HTML 4Page - RF Micro Devices RF5725 Datasheet HTML 5Page - RF Micro Devices RF5725 Datasheet HTML 6Page - RF Micro Devices RF5725 Datasheet HTML 7Page - RF Micro Devices RF5725 Datasheet HTML 8Page - RF Micro Devices RF5725 Datasheet HTML 9Page - RF Micro Devices RF5725 Datasheet HTML 10Page - RF Micro Devices RF5725 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9 of 11
RF5725
DS120214
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF5275 Biasing Instructions:
• 802.11b/g Transmit:
• Connect the FEM to a signal generator at the input and a spectrum analyzer at the output.
•Bias VCC to 3.6V first with VREG=0.0V.
• Refer to switch operational truth table to set the control lines at the proper levels for WiFi TX.
•Turn on VREG to 2.85V (typ.). VREG controls the current drawn bu the 802.11b/g power amplifier and the current should
quickly rise to ~100mA ± 20mA for a typical part but it varies based on the output power desired. Be externally careful not
to exceed 3.4V on the VREG pin or the part may exceed device current limits.
• 802.11b/g Receive
• To receive WiFi set the switch control lines per the truth table below.
• Bluetooth™ Receive
•To receive Bluetooth™ set the switch control lines per the truth table below.
Switch Control Logic
*The FEM can simultaneously receive WiFi and BluetoothTM in the WiFi RX and BT RX Mode.
Mode
C_RX
C_TX
C_BT
BluetoothTM
LL
H
WiFi Tx
L
H
L
WiFi Rx
H
L
L
WiFi Rx/BT
H
L
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com