Electronic Components Datasheet Search
  English  ▼

X  

RF5725 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5725
Description  2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5725 Datasheet(HTML) 3 Page - RF Micro Devices

  RF5725 Datasheet HTML 1Page - RF Micro Devices RF5725 Datasheet HTML 2Page - RF Micro Devices RF5725 Datasheet HTML 3Page - RF Micro Devices RF5725 Datasheet HTML 4Page - RF Micro Devices RF5725 Datasheet HTML 5Page - RF Micro Devices RF5725 Datasheet HTML 6Page - RF Micro Devices RF5725 Datasheet HTML 7Page - RF Micro Devices RF5725 Datasheet HTML 8Page - RF Micro Devices RF5725 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3 of 11
RF5725
DS120214
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2.4GHz Transmit Parameters,
cont’d
Sensitivity
>10dBm
25
mV/dB
0<POUT<10dBm
8
mV/dB
Current Consumption
ICC
130
mA
RFPOUT=17dBm, 54Mbps IEEE802.11g
190
RFPOUT=21dBm, 11Mbps IEEE802.11b
Idle
95
mA
VCC=3.6V, VREG=2.85V, and RF=OFF
IREG
35
mA
Leakage
2
10
A
Power Supply
3.0
3.6
4.5
V
VREG
2.75
2.85
2.95
V
Input/Output Impedance
50
Ruggedness
No damage
Output VSWR
10:1
Maximum: operating voltage, input power, temperature
Stability
Output VSWR
5:1
All phase angles, no spurious or oscillations.
Out of Band Performance
S21 (DC to 960MHz)
0
dB
S21 (1570MHz to 1580MHz)
18
dB
S21 (1805MHz to 1990MHz)
20
dB
S21 (2110MHz to 2170MHz)
25
dB
All other ports terminated in their nominal impedances
Thermal Resistance
79.3
°C/W
VCC=3.3, VREG=2.9V, C_TX=3.3, C_RX=C_BT=GND,
POUT=17dBm, Modulation=On, Freq=2.45GHz,
DCC=100%, T=85°C
87.2
°C/W
VCC=4.8, VREG=3V, C_TX=3.3, C_RX=C_BT=GND,
POUT=17dBm, Modulation=On, Freq=2.45GHz,
DC=100%, T=85°C
Harmonics
RBW=1MHz. Measured at 1Mbps.
Second
-35
-32
dBm
4.80GHz to 5.00GHz
Third
-45
-42
dBm
7.20GHz to 7.50GHz
Turn-On/Off Time
0.5
1.0
S
Output stable to within 90% of final gain
Antenna Port Impedance
Antenna port is a DC short to ground
Input
50
Receive
Output
50
Transmit
Switch Control Voltage
Low
0
0.2
V
High
2.7
2.8
3.6
V
Switch Control Current
10
A
Per control line
Switch Control Speed
100
nsec
ESD
All pins unless otherwise stated.
Human Body Model
1000
V
EIA/JESD22-114A
Charge Device Model
500
V
EIA/JESD22-C101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com