Electronic Components Datasheet Search
  English  ▼

X  

RF5725 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5725
Description  2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5725 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5725 Datasheet HTML 1Page - RF Micro Devices RF5725 Datasheet HTML 2Page - RF Micro Devices RF5725 Datasheet HTML 3Page - RF Micro Devices RF5725 Datasheet HTML 4Page - RF Micro Devices RF5725 Datasheet HTML 5Page - RF Micro Devices RF5725 Datasheet HTML 6Page - RF Micro Devices RF5725 Datasheet HTML 7Page - RF Micro Devices RF5725 Datasheet HTML 8Page - RF Micro Devices RF5725 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 of 11
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
LNA VCC
RX OUT
TX IN
VREG
VCC
GND
ANT
C BT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SP3T
2F0 Filter
RF5725
2.4GHz TO 2.5GHz SINGLE-BAND
FRONT END MODULE
The RF5725 is a single-chip integrated front-end module (FEM) for high
performance WiFi applications in the 2.4GHz to 2.5GHz ISM band. This
FEM greatly reduces the number of external components, minimizing foot-
print and assembly cost of the overall 802.11b/g solution. The RF5725
has an integrated b/g power amplifier, LNA, a Coupler Power detector, and
TX filtering. It also is capable of switching between WiFi RX, WiFi TX, and
BTH RX/TX operations. This device is manufactured using GaAs HBT and
pHEMT processes on a 3mmx3mmx0.5mm 16-pin QFN package. This
module meets or exceeds the RF front-end needs of 802.11b/g WiFi RF
systems.
Features
Single Module Radio Front
End
Single Supply Voltage 3.0V to
5V
Integrated 2.4GHz to 2.5GHz
b/g Amplifier LNA, TX/RX
Switch, PDETECT Coupler
POUT=17dBm, 11g, OFDM at
<3% EVM, 21dBm 11b Meet-
ing 11b Spectral Mask
Low Height Package, Suited
for SiP and CoB Designs
Applications
Cellular handsets
Mobile devices
Tablets
Consumer electronics
Gaming
Netbooks/Notebooks
TV/monitors/video
SmartEnergy
RF5725
Standard 25 piece bag
RF5725SR
Standard 100 piece reel
RF5725TR7
Standard 2500 piece reel
RF5725PCK-410
Fully assembled evaluation board tuned for 2.4GHz to
2.5GHz and 5 loose sample pieces
DS120214
Package Style: QFN, 16-pin, 3mmx3mmx0.5mm


Similar Part No. - RF5725

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5722 RFMD-RF5722 Datasheet
599Kb / 10P
3.0V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5722PCK-410 RFMD-RF5722PCK-410 Datasheet
599Kb / 10P
3.0V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5722SR RFMD-RF5722SR Datasheet
599Kb / 10P
3.0V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5722TR7 RFMD-RF5722TR7 Datasheet
599Kb / 10P
3.0V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5725

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5605 RFMD-RF5605 Datasheet
1Mb / 17P
5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RF5745 RFMD-RF5745 Datasheet
435Kb / 11P
2.4GHz TO 2.5GHz, 802.11b/g/n SINGLE-BAND FRONT END MODULE
RFFM3482E RFMD-RFFM3482E Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RFFM3482Q RFMD-RFFM3482Q Datasheet
739Kb / 13P
2.4GHz to 2.5GHz, Automotive WiFi Front End Module
RFFM4200 RFMD-RFFM4200 Datasheet
1Mb / 15P
3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4202 RFMD-RFFM4202 Datasheet
1Mb / 15P
5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
WiFi Front-End Module 2.4GHz to 2.5GHz
logo
Qorvo, Inc
RFFM3482Q QORVO-RFFM3482Q Datasheet
775Kb / 13P
2.4GHz to 2.5GHz, Automotive WiFi Front End Module
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com