Electronic Components Datasheet Search
  English  ▼

X  

RF5725 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF5725
Description  2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5725 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF5725 Datasheet HTML 3Page - RF Micro Devices RF5725 Datasheet HTML 4Page - RF Micro Devices RF5725 Datasheet HTML 5Page - RF Micro Devices RF5725 Datasheet HTML 6Page - RF Micro Devices RF5725 Datasheet HTML 7Page - RF Micro Devices RF5725 Datasheet HTML 8Page - RF Micro Devices RF5725 Datasheet HTML 9Page - RF Micro Devices RF5725 Datasheet HTML 10Page - RF Micro Devices RF5725 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7 of 11
RF5725
DS120214
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
P2-1
VCC3
P2
HDR_1X6
6
5
4
3
2
1
P2-3
LNA_EN
VRX
P2-4
GND
P1-4
VCC
P1
HDR_1X4
1
2
3
4
P1-1
VREG
GND
P1-3
PDETECT
P2-5
VTX
P2-6
VBT
(LNA Vcc)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VREG
50
 strip
J2
RX OUT
LNA_EN
50
 strip
J4
ANT
50
 strip
J1
TX IN
R1
0
C4
330 pF
PDETECT
VCC bias
L2
3 nH
C7
0.1
F
L3
1.8 nH
C8
0.1
F
J3
BT
C_TX
C_RX
C1
0.1
F
LNA
Vcc
L1
2.4 nH
VCC1
N/C
VCC2
VBT
U1
RF5725



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com