Electronic Components Datasheet Search
  English  ▼

X  

RF5725 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF5725
Description  2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5725 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF5725 Datasheet HTML 3Page - RF Micro Devices RF5725 Datasheet HTML 4Page - RF Micro Devices RF5725 Datasheet HTML 5Page - RF Micro Devices RF5725 Datasheet HTML 6Page - RF Micro Devices RF5725 Datasheet HTML 7Page - RF Micro Devices RF5725 Datasheet HTML 8Page - RF Micro Devices RF5725 Datasheet HTML 9Page - RF Micro Devices RF5725 Datasheet HTML 10Page - RF Micro Devices RF5725 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8 of 11
RF5725
DS120214
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Theory of Operation
The RF5725 FEM is a single-chip integrated front-end module (FEM) for high performance WiFi applications in the 2.4GHz to
2.5GHz ISM band. The FEM greatly reduces the number of external components minimizing footprint and assembly cost of the
overall 802.11b/g solution. The RF5725 has an integrated b/g power amplifier, LNA, a Couple Power Detector, and TX filtering.
It is also capable of switching between WiFi RX, WiFi TX, and BTH RX/TX operations. The device is manufactured using GaAs
HBT and pHEMT processes on a 3mmx3mmx0.5mm 16-pin QFN package. The module meets or exceeds the RF front-end
needs of the 802.11b/g WiFi RF systems.
The RF5725 is a very easy part to implement, but care in circuit layout and component selection is always advisable when
designing circuits that operate at high frequencies. To reduce the design and optimization process on the customer applica-
tion, the evaluation board layout should be copied as close as possible, in particular the ground and via configurations. Gerber
files of RFMD PCBA designs can be provided upon request. The supply voltage lines should present an RF short to the FEM by
using bypass capacitors on the VCC traces. Please contact RFMD Sales or Application Engineering for additional data and guid-
ance.
To simplify bias conditions, the FR5725 requires a single positive supply voltage (VCC), a positive current control bias (VREG)
supply, and a positive supply for switch control. The built in Coupler Power Detector of the FR5725 is very accurate and mini-
mizes calibration time in the system. All inputs and outputs are internally matched to 50
.
Transmit Path
The RF5725 has a typical gain of 28dB form 2.4GHz to 2.5GHz, and delivers 17dBm typical output power under 54Mbps
OFDM modulation and 21dBm under 1Mbps 11b modulation. The RF5725 requires a single positive of 3.3V to 4.2V to oper-
ate at full specifications. Current control optimization for the 802.11b/g band is provided through one bias control input pin
(VREG). The VREG pin requires a regulated supply to maintain nominal bias current.
Out of Band Rejection
The RF5725 contains basic filtering components to produce a bandpass response for the transmit path. Due to space con-
straints inside the module filtering is limited to a few resonant poles. Depending upon the end-user’s application, additional fil-
ters may be needed to meet the out of band rejection requirements of the system.
Receive Path
The 802.11b/g path has a 50
 single-ended port with a nominal gain of 10dB in WiFi RX mode and 6dB in WiFi RX/BT mode.
The Receive port return loss is 9.6dB minimum. The RF5725 is designed so that the SP3T may act as a 3dB splitter when
placed in the WiFi RX and BT RX mode. In this mode, the FEM can receive Bluetooth™ and WiFi signals simultaneously with an
additional 3dB of loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com