Electronic Components Datasheet Search
  English  ▼

X  

LTC2000 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2000
Description  16-/14-/11-Bit 2.5Gsps DACs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2000 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2000_15 Datasheet HTML 7Page - Linear Technology LTC2000_15 Datasheet HTML 8Page - Linear Technology LTC2000_15 Datasheet HTML 9Page - Linear Technology LTC2000_15 Datasheet HTML 10Page - Linear Technology LTC2000_15 Datasheet HTML 11Page - Linear Technology LTC2000_15 Datasheet HTML 12Page - Linear Technology LTC2000_15 Datasheet HTML 13Page - Linear Technology LTC2000_15 Datasheet HTML 14Page - Linear Technology LTC2000_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
LTC2000
11
2000f
For more information www.linear.com/LTC2000
typical perFormance characteristics
2-Tone IMD vs fOUT and fDAC
2-Tone IMD vs fOUT and Digital
Amplitude, fDAC = 2.5Gsps
SFDR vs fOUT and Linearization
Setting, fDAC = 2.5Gsps
LTC2000-16 Single-Tone NSD
vs fOUT and fDAC
LTC2000-16 Single-Tone NSD
vs fOUT and IOUTFS
HD3 vs fOUT and Linearization
Setting, fDAC = 2.5Gsps
2-Tone IMD vs fOUT and
Linearization Setting,
fDAC = 2.5Gsps
HD3 vs fOUT and Digital Amplitude
(dBFS), fDAC = 2.5Gsps
2-Tone IMD vs fOUT and fDAC with
Default Linearization
IOUTFS = 40mA, TA = 25°C, AVDD18 = DVDD18 = 1.8V,
AVDD33 = DVDD33 = 3.3V, RLOAD = 12.5Ω, LIN_DIS = 0, LIN_ GN = 75% unless otherwise noted.
fOUT (MHz)
0
50
60
70
80
90
100
200
400
600
800
2000 G19
1000 1200
0dBFS
–3dBFS
–6dBFS
–12dBFS
–16dBFS
fOUT (MHz)
0
60
70
80
90
100
110
200
400
600
800
2000 G22
1000 1200
2.5Gsps
2.0Gsps
1.6Gsps
1.25Gsps
DIGITAL AMPLITUDE = –6dBFS
F2 = F1 + 1.25MHz
LIN_DIS = 0
LIN_GN = 75%
fOUT (MHz)
0
50
60
70
80
90
100
200
400
600
800
2000 G25
1000 1200
LIN_GN = 100%
LIN_GN = 75%
LIN_GN = 50%
LIN_DIS = 1
DIGITAL AMPLITUDE = 0dBFS
fOUT (MHz)
0
60
70
80
90
100
110
200
400
600
800
2000 G20
1000 1200
2.5Gsps
2.0Gsps
1.6Gsps
1.25Gsps
DIGITAL AMPLITUDE = –6dBFS
F2 = F1 + 1.25MHz
LIN_DIS = 1
fOUT (MHz)
0
60
70
80
90
100
110
200
400
600
800
2000 G21
1000 1200
0dBFS
–6dBFS
–12dBFS
–16dBFS
F2 = F1 + 1.25MHz
LIN_DIS = 1
fOUT (MHz)
0
–170
–165
–160
–155
–150
–145
200
400
600
800
2000 G26
1000 1200
2.5Gsps
1.25Gsps
DIGITAL AMPLITUDE = 0dBFS
40mA FULL-SCALE CURRENT
0dBm SINGLE-TONE
fOUT (MHz)
0
60
70
80
90
100
110
200
400
600
800
2000 G23
1000 1200
LIN_GN = 100%
LIN_GN = 75%
LIN_GN = 50%
LIN_GN = 1%
DIGITAL AMPLITUDE = –6dBFS
F2 = F1 + 1.25MHz
fOUT (MHz)
0
–170
–165
–160
–155
–150
60mA
40mA
20mA
–145
200
400
600
800
2000 G27
1000 1200
DIGITAL AMPLITUDE = 0dBFS
fDAC = 2.5Gsps
12.5 TOTAL OUTPUT LOAD
fOUT (MHz)
0
50
60
70
80
90
100
200
400
600
800
2000 G24
1000 1200
LIN_GN = 100%
LIN_GN = 75%
LIN_GN = 50%
LIN_DIS = 1
DIGITAL AMPLITUDE = 0dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com