Electronic Components Datasheet Search
  English  ▼

X  

LTC2000 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2000
Description  16-/14-/11-Bit 2.5Gsps DACs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2000 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2000_15 Datasheet HTML 12Page - Linear Technology LTC2000_15 Datasheet HTML 13Page - Linear Technology LTC2000_15 Datasheet HTML 14Page - Linear Technology LTC2000_15 Datasheet HTML 15Page - Linear Technology LTC2000_15 Datasheet HTML 16Page - Linear Technology LTC2000_15 Datasheet HTML 17Page - Linear Technology LTC2000_15 Datasheet HTML 18Page - Linear Technology LTC2000_15 Datasheet HTML 19Page - Linear Technology LTC2000_15 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
LTC2000
16
2000f
For more information www.linear.com/LTC2000
pin Functions
AVDD18:1.8VAnalogSupplyVoltageInput.1.71Vto1.89V.
AVDD33: 3.3V Analog Supply Voltage Input. 3.135V to
3.465V.
CKP, CKN: DAC Sample Clock Inputs. Maximum clock
frequency (fDAC) is 2500MHz. Clock signal should be AC
coupled.
CS: Serial Interface Chip Select Input. When CS is low,
SCK is enabled for shifting data on SDI into the register.
When CS is taken high, SCK is disabled and SDO is high
impedance.
DAP[15:0], DAN[15:0]: Port A LVDS Data Inputs. Max-
imumdatarateis1.25Gbps.PortAisusedonlyindual-port
mode. Connect to GND if not used. The data input format
is two’s complement.
DBP[15:0], DBN[15:0]: Port B LVDS Data Inputs. Max-
imum data rate is 1.25Gbps. In single-port mode, only
Port B is used. In dual-port mode, the sample from Port B
appears at IOUTP/N one cycle after the sample from Port A.
The data input format is two’s complement.
DCKIP, DCKIN: LVDS Data Clock Inputs. Maximum
frequency (fDCKI) is 625MHz. In dual-port mode, fDCKI =
fDAC/4. In single-port mode, fDCKI = fDAC/2
DCKOP, DCKON: LVDS Data Clock Outputs. Maximum
frequency is 625MHz. Select frequency (fDAC/4 or fDAC/2),
output current (3.5mA or 7mA), and termination (none or
100Ω) using register 0x02.
DVDD18:1.8VDigitalSupplyVoltageInput.1.71Vto1.89V.
DVDD33: 3.3V Digital Supply Voltage Input. 3.135V to
3.465V.
FSADJ: Full-Scale Adjust Pin. The DAC full-scale current is
16•(VREFIO/RFSADJ).Connecta500ΩresistorfromFSADJ
to GND to set the full-scale current to 40mA.
GND: Ground.
IOUTP, IOUTN: DAC Analog Current Outputs. Differential
output is nominally ±40mA. Maximum update rate is
2.5Gsps. The output current is evenly divided between
IOUTP and IOUTN when the two’s compliment DAC code is
set to mid-scale (all zeros).
PD (Pin S1): Active Low Power-Down Input. When PD is
low, the LTC2000 supply current is less than 440µA. To
exit power-down mode switch PD high to SVDD.
typical perFormance characteristics I
OUTFS = 40mA, TA = 25°C, AVDD18 = DVDD18 = 1.8V,
AVDD33 = DVDD33 = 3.3V, RLOAD = 12.5Ω, LIN_DIS = 0, LIN_ GN = 75% unless otherwise noted.
LTC2000-11 Differential
Nonlinearity (DNL)
LTC2000-11 Single-Tone NSD
vs fOUT and fDAC
LTC2000-11 Integral Nonlinearity
(INL)
CODE
–1024
0
0.5
1024
2000 G52
–0.5
–1.0
–512
0
512
1.0
CODE
–1024
0
0.25
1024
2000 G53
–0.25
–1.50
–512
0
512
0.50
fOUT (MHz)
0
–170
–165
–160
–155
–150
–145
200
400
600
800
2000 G54
1000 1200
2.5Gsps
1.25Gsps
DIGITAL AMPLITUDE = 0dBFS
40mA FULL-SCALE CURRENT
0dBm SINGLE TONE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com