Electronic Components Datasheet Search
  English  ▼

X  

LTC2000 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2000
Description  16-/14-/11-Bit 2.5Gsps DACs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2000 Datasheet(HTML) 5 Page - Linear Technology

  LTC2000_15 Datasheet HTML 1Page - Linear Technology LTC2000_15 Datasheet HTML 2Page - Linear Technology LTC2000_15 Datasheet HTML 3Page - Linear Technology LTC2000_15 Datasheet HTML 4Page - Linear Technology LTC2000_15 Datasheet HTML 5Page - Linear Technology LTC2000_15 Datasheet HTML 6Page - Linear Technology LTC2000_15 Datasheet HTML 7Page - Linear Technology LTC2000_15 Datasheet HTML 8Page - Linear Technology LTC2000_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
LTC2000
5
2000f
For more information www.linear.com/LTC2000
electrical characteristics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. AVDD18, DVDD18 = 1.71V to 1.89V, AVDD33, DVDD33 = 3.135V to 3.465V,
SVDD = 1.71V to 3.465V, RFSADJ = 500Ω, 12.5Ω load from IOUTP/N to GND including internal 50Ω termination, unless otherwise
specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC Performance
Resolution
LTC2000-16
l
16
Bits
LTC2000-14
l
14
Bits
LTC2000-11
l
11
Bits
DNL
Differential Nonlinearity
LTC2000-16
l
±0.5
±2.7
LSB
LTC2000-14
l
±0.2
±1
LSB
LTC2000-11
l
±0.1
±0.5
LSB
INL
Integral Nonlinearity
LTC2000-16
l
±1
±4
LSB
LTC2000-14
l
±0.5
±2
LSB
LTC2000-11
l
±0.2
±1
LSB
Offset Error
LTC2000-16
l
±0.05
% FSR
LTC2000-14
l
±0.06
% FSR
LTC2000-11
l
±0.09
% FSR
Offset Error Drift
1
ppm/°C
Gain Error
±0.5
% FSR
Gain Error Drift
5
ppm/°C
Power Supply Rejection Ratio
Full-Scale; AVDD33 = 3.135V to 3.465V
69
dB
Analog Output
Full-Scale Output Current
RFSADJ = 500Ω
40
mA
Output Compliance Range
l
–1
1
V
Output Resistance
IOUTP/N to GND
l
42
50
58
Ω
Output Capacitance
6
pF
Output Bandwidth
RIOUTP/N = 12.5Ω, –3dB Excluding sin(x)/x
2.1
GHz
AC Performance
Maximum Update Rate
Dual-Port Mode
Single-Port Mode
l
l
2.5
1.25
Gsps
Gsps
SFDR
Spurious Free Dynamic Range
fDAC = 1.25Gsps, 0dBFS
fOUT = 50MHz, LIN_DIS = 0, LIN_GN = 75%
fOUT = 100MHz, LIN_DIS = 0, LIN_GN = 75%
fOUT = 250MHz, LIN_DIS = 0, LIN_GN = 75%
fOUT = 500MHz, LIN_DIS = 0, LIN_GN = 75%
82
82
74
74
dBc
dBc
dBc
dBc
Spurious Free Dynamic Range
fDAC = 2.5Gsps, 0dBFS
fOUT = 100MHz, LIN_DIS = 0, LIN_GN = 75%
fOUT = 200MHz, LIN_DIS = 0, LIN_GN = 75%
fOUT = 500MHz, LIN_DIS = 0, LIN_GN = 75%
fOUT = 1000MHz, LIN_DIS = 0, LIN_GN = 75%
l
67
76
74
72
68
dBc
dBc
dBc
dBc
fOUT = 500MHz, LIN_DIS = 1
fOUT = 1000MHz, LIN_DIS = 1
66
62
dBc
dBc
IMD
2-Tone Intermodulation Distortion
fOUT2 = fOUT1 + 1.25MHz
fDAC = 1.25Gsps, –6dBFS
fOUT = 50MHz, LIN_DIS = 0, LIN_GN = 75%
fOUT = 100MHz, LIN_DIS = 0, LIN_GN = 75%
fOUT = 250MHz, LIN_DIS = 0, LIN_GN = 75%
fOUT = 500MHz, LIN_DIS = 0, LIN_GN = 75%
100
90
90
82
dBc
dBc
dBc
dBc
2-Tone Intermodulation Distortion
fOUT2 = fOUT1 + 1.25MHz
fDAC = 2.5Gsps, –6dBFS
fOUT = 100MHz, LIN_DIS = 1
fOUT = 200MHz, LIN_DIS = 1
fOUT = 500MHz, LIN_DIS = 1
fOUT = 1000MHz, LIN_DIS = 1
87
86
84
78
dBc
dBc
dBc
dBc
fOUT = 500MHz, LIN_DIS = 0, LIN_GN = 75%
fOUT = 1000MHz, LIN_DIS = 0, LIN_GN = 75%
80
67
dBc
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com