Electronic Components Datasheet Search
  English  ▼

X  

LTC2000 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2000
Description  16-/14-/11-Bit 2.5Gsps DACs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2000 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2000_15 Datasheet HTML 13Page - Linear Technology LTC2000_15 Datasheet HTML 14Page - Linear Technology LTC2000_15 Datasheet HTML 15Page - Linear Technology LTC2000_15 Datasheet HTML 16Page - Linear Technology LTC2000_15 Datasheet HTML 17Page - Linear Technology LTC2000_15 Datasheet HTML 18Page - Linear Technology LTC2000_15 Datasheet HTML 19Page - Linear Technology LTC2000_15 Datasheet HTML 20Page - Linear Technology LTC2000_15 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
LTC2000
17
2000f
For more information www.linear.com/LTC2000
pin Functions
Block Diagram
4:1
TSTP/N
PD
CS
SCK SDI
SDO
SVDD
50
IOUTP
IOUTN
FSADJ
REFIO
50
10k
2000 BD
CKP/N
GND
DVDD33
DVDD18
AVDD33
AVDD18
GAIN
ADJUST
CLOCK
SYNC
CLK
RECEIVER
DELAY
ADJUST
DCKOP/N
DCKIP/N
DBP/N[15:0]
DAP/N[15:0]
CLK DIVIDER
÷2 OR ÷4
REF
SPI
PATTERN
GENERATOR
JUNCTION
TEMPERATURE
16-BIT DAC
REFIO: Reference Voltage Input or Output. The 1.25V
internal reference is available at the pin through a 10k
internal resistor. May be overdriven with an external refer-
ence voltage between 1.1V and 1.4V.
SCK: Serial Interface Clock Input. Maximum frequency
is 50MHz.
SDI: Serial Interface Data Input. Data on SDI is clocked
in on the rising edge of SCK.
SDO: SerialInterfaceDataOutput. Dataisclockedout onto
SDO by the falling edge of SCK. SDO is high impedance
when CS is high.
SVDD: SPI Supply Voltage Input. 1.71V to 3.465V.
TSTP, TSTN: Test Output Pins. May be optionally used to
measure internal temperature or timing of LVDS inputs.
See Measuring Internal Junction Temperature and Mea-
suring LVDS Input Timing Skew sections in Applications
Information. Use SPI internal registers 0x18 and 0x19 to
control TSTP/N. Connect to GND if not used.
Note: For pin locations, refer to the Pin Locations section
of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com